Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7014-BD-000V Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7014-BD-000V
Description  DC-8.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7014-BD-000V Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7014-BD-000V Datasheet HTML 1Page - Mimix Broadband CGB7014-BD-000V Datasheet HTML 2Page - Mimix Broadband CGB7014-BD-000V Datasheet HTML 3Page - Mimix Broadband CGB7014-BD-000V Datasheet HTML 4Page - Mimix Broadband CGB7014-BD-000V Datasheet HTML 5Page - Mimix Broadband CGB7014-BD-000V Datasheet HTML 6Page - Mimix Broadband CGB7014-BD-000V Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Typical Scattering Parameters
(Vd = +4.75V, Icc = 77 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.26
179
17.9
175
0.05
-1
0.06
-174
200
0.26
178
17.9
169
0.05
-3
0.06
-164
300
0.25
176
17.8
164
0.05
-4
0.06
-159
400
0.26
174
17.8
159
0.05
-5
0.07
-158
500
0.25
174
17.6
154
0.05
-7
0.08
-154
600
0.25
170
17.5
148
0.05
-8
0.08
-154
700
0.25
169
17.4
143
0.05
-9
0.09
-155
800
0.24
167
17.2
138
0.05
-11
0.09
-152
900
0.24
166
17.1
133
0.05
-12
0.10
-154
1000
0.24
167
16.9
128
0.05
-14
0.11
-152
1100
0.23
163
16.7
122
0.05
-15
0.11
-155
1200
0.23
162
16.7
117
0.05
-16
0.12
-158
1300
0.22
164
16.3
113
0.06
-18
0.13
-156
1400
0.21
161
16.1
107
0.06
-19
0.13
-157
1500
0.21
162
16.0
103
0.06
-21
0.14
-161
1600
0.21
160
15.7
97
0.06
-22
0.14
-162
1700
0.20
160
15.5
93
0.06
-24
0.15
-163
1800
0.19
160
15.3
88
0.06
-25
0.15
-164
1900
0.19
160
15.1
83
0.06
-27
0.16
-167
2000
0.19
162
14.8
78
0.06
-29
0.16
-169
2100
0.18
161
14.6
73
0.06
-30
0.16
-170
2200
0.17
161
14.4
68
0.06
-32
0.16
-172
2300
0.18
163
14.1
64
0.06
-34
0.17
-174
2400
0.17
167
13.8
60
0.06
-35
0.18
-175
2500
0.17
165
13.6
55
0.06
-37
0.17
-176
2600
0.18
166
13.4
51
0.06
-39
0.18
-179
2700
0.18
169
13.1
47
0.06
-41
0.19
-180
2800
0.17
167
13.0
42
0.06
-42
0.18
179
2900
0.18
167
12.9
38
0.06
-44
0.19
176
3000
0.18
167
12.7
33
0.06
-46
0.19
174
3100
0.19
169
12.5
29
0.07
-48
0.20
173
3200
0.18
168
12.3
25
0.07
-50
0.20
172
3300
0.19
165
12.2
21
0.07
-52
0.20
169
3400
0.19
167
12.0
16
0.07
-54
0.21
166
3500
0.19
165
11.9
11
0.07
-56
0.21
166
3600
0.20
164
11.7
8
0.07
-58
0.21
163
3700
0.20
165
11.5
3
0.07
-60
0.22
161
3800
0.20
163
11.4
-1
0.07
-62
0.23
158
3900
0.21
161
11.2
-5
0.07
-64
0.23
155
4000
0.21
159
11.1
-10
0.07
-66
0.23
153
4100
0.22
159
10.9
-14
0.07
-69
0.23
149
4200
0.21
155
10.8
-18
0.08
-71
0.24
148
4300
0.21
151
10.7
-22
0.08
-73
0.24
144
4400
0.22
150
10.6
-26
0.08
-75
0.24
140
4500
0.22
147
10.5
-31
0.08
-78
0.25
137
4600
0.22
143
10.4
-35
0.08
-80
0.24
134
4700
0.22
140
10.2
-39
0.08
-82
0.25
130
4800
0.22
137
10.1
-44
0.08
-85
0.26
127
4900
0.21
132
10.1
-48
0.08
-87
0.26
123
5000
0.21
127
10
-52
0.08
-89
0.25
118
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-8.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7014-BD
April 2007 - Rev 04-Apr-07


Similar Part No. - CGB7014-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7014-BD MIMIX-CGB7014-BD Datasheet
382Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7014-BD MIMIX-CGB7014-BD Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-BD MIMIX-CGB7014-BD Datasheet
235Kb / 7P
   DC-8.0 GHz InGaP HBT MMIC
CGB7014-BD_0706 MIMIX-CGB7014-BD_0706 Datasheet
235Kb / 7P
   DC-8.0 GHz InGaP HBT MMIC
More results

Similar Description - CGB7014-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7017-BD MIMIX-CGB7017-BD Datasheet
220Kb / 7P
   DC-8.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
logo
Mimix Broadband
CGB7015-SC MIMIX-CGB7015-SC Datasheet
216Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC_0609 MIMIX-CGB7017-SC_0609 Datasheet
244Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7015-SC_0609 MIMIX-CGB7015-SC_0609 Datasheet
221Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC Datasheet
382Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC Datasheet
239Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7014-SC_0609 MIMIX-CGB7014-SC_0609 Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com