Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7016-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # CGB7016-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7016-BD Datasheet(HTML) 2 Page - Mimix Broadband

  CGB7016-BD Datasheet HTML 1Page - Mimix Broadband CGB7016-BD Datasheet HTML 2Page - Mimix Broadband CGB7016-BD Datasheet HTML 3Page - Mimix Broadband CGB7016-BD Datasheet HTML 4Page - Mimix Broadband CGB7016-BD Datasheet HTML 5Page - Mimix Broadband CGB7016-BD Datasheet HTML 6Page - Mimix Broadband CGB7016-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Noise Figure Vs Frequency
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
25 C
-40 C
85 C
|S21| Vs Frequency
8
10
12
14
16
18
20
22
24
0123456
Frequency (GHz)
25 C
-40 C
85 C
|S11| Vs Frequency
-30
-25
-20
-15
-10
012
3456
Frequency (GHz)
25 C
-40 C
85 C
|S12| Vs Frequency
-30
-27
-24
-21
-18
-15
01
234
5
6
Frequency (GHz)
25 C
-40 C
85 C
|S22| Vs Frequency
-22
-20
-18
-16
-14
-12
-10
-8
01
234
5
6
Frequency (GHz)
25 C
-40 C
85 C
Page 2 of 7
Typical S-Parameter and Noise Performance
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7016-BD
April 2007 - Rev 04-Apr-07


Similar Part No. - CGB7016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7016-BD MIMIX-CGB7016-BD Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7016-BD MIMIX-CGB7016-BD Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7005-BD MIMIX-CGB7005-BD Datasheet
403Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7006-BD MIMIX-CGB7006-BD Datasheet
427Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7008-BD MIMIX-CGB7008-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7010-BD MIMIX-CGB7010-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7011-BD MIMIX-CGB7011-BD Datasheet
484Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7004-BD MIMIX-CGB7004-BD Datasheet
431Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7009-BD MIMIX-CGB7009-BD Datasheet
425Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com