Electronic Components Datasheet Search |
|
BC858 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
BC858 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page ©2006 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com BC856- BC860 Rev. B tm August 2006 BC856- BC860 PNP Epitaxial Silicon Transistor Features • Switching and Amplifier Applications • Suitable for automatic insertion in thick and thin-film circuits • Low Noise: BC859, BC860 • Complement to BC846 ... BC850 Absolute Maximum Ratings* T a = 25°C unless otherwise noted * These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. Electrical Characteristics* T a=25°C unless otherwise noted * Pulse Test: Pulse Width ≤300µs, Duty Cycle≤2% Symbol Parameter Value Units VCBO Collector-Base Voltage : BC856 : BC857/860 : BC858/859 -80 -50 -30 V V V VCEO Collector-Emitter Voltage : BC856 : BC857/860 : BC858/859 -65 -45 -30 V V V VEBO Emitter-Base Voltage -5 V IC Collector Current (DC) -100 mA PC Collector Power Dissipation 310 mW TJ Junction Temperature 150 °C TSTG Storage Temperature -65 ~ 150 °C Symbol Parameter Test Condition Min. Typ. Max. Units ICBO Collector Cut-off Current VCB= -30V, IE=0 -15 nA hFE DC Current Gain VCE= -5V, IC= -2mA 110 800 VCE (sat) Collector-Emitter Saturation Voltage IC= -10mA, IB= -0.5mA IC= -100mA, IB= -5mA -90 -250 -300 -650 mV mV VBE (sat) Base-Emitter Saturation Voltage IC= -10mA, IB= -0.5mA IC= -100mA, IB= -5mA -700 -900 mV mV VBE (on) Base-Emitter On Voltage VCE= -5V, IC= -2mA VCE= -5V, IC= -10mA -600 -660 -750 -800 mV mV fT Current Gain Bandwidth Product VCE= -5V, IC= -10mA f=100MHz 150 MHz Cob Output Capacitance VCB= -10V, IE=0, f=1MHz 6 pF NF Noise Figure : BC856/857/858 : BC859/860 VCE= -5V, IC= -200µA RG=2KΩ, f=1KHz 2 1 10 4 dB dB : BC859 : BC860 VCE= -5V, IC= -200µA RG=2KΩ, f=30~15000Hz 1.2 1.2 4 2 dB dB 1. Base 2. Emitter 3. Collector SOT-23 1 2 3 |
Similar Part No. - BC858 |
|
Similar Description - BC858 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |