Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6525CBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6525CBZ
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6525CBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6525CBZ Datasheet HTML 3Page - Intersil Corporation ISL6525CBZ Datasheet HTML 4Page - Intersil Corporation ISL6525CBZ Datasheet HTML 5Page - Intersil Corporation ISL6525CBZ Datasheet HTML 6Page - Intersil Corporation ISL6525CBZ Datasheet HTML 7Page - Intersil Corporation ISL6525CBZ Datasheet HTML 8Page - Intersil Corporation ISL6525CBZ Datasheet HTML 9Page - Intersil Corporation ISL6525CBZ Datasheet HTML 10Page - Intersil Corporation ISL6525CBZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN4998.3
December 27, 2004
ISL6525
RT
FB
COMP
SS
REF
GND
OSC
VIN
0.1
µF
1
µF
0.1
µF
1
µF
330
µF/25V
1000
µF
UGATE
OCSET
PHASE
BOOT
SPARE
4.99K
1K
20K
1000pF
1N4148
U1
12VCC
13
2
10
9
8
6
4
5
1
3
SPARE
PGND
LGATE
12
11
VCC
13
Q2
VOUT
SPARE
6
10K
MONITOR AND
PROTECTION
+
-
+
-
C16
6.8nF
33pF
Component Selection Notes:
CIN - 330
µF 25W VDC, Rubycon ZA series or equivalent
COUT - 1000
µF 6.3W VDC, Rubycon ZA series or equivalent
L1 - Core: Micrometals T44-52; Winding: 12 Turns of 19AWG
Q1 - Intersil MOSFET; HUF76121D
Q2 - Intersil MOSFET; HUF76129D
FIGURE 11. DC-DC CONVERTER APPLICATION CIRCUIT
SPARE
DELAY
CDELAY
PGOOD
7
14
L1
V OUT
VCC
Q1
COUT
CIN
ISL6525


Similar Part No. - ISL6525CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6525CBZ INTERSIL-ISL6525CBZ Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525CBZ RENESAS-ISL6525CBZ Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6525CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com