Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5217 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL5217
Description  Quad Programmable Up Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5217 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL5217_05 Datasheet HTML 1Page - Intersil Corporation ISL5217_05 Datasheet HTML 2Page - Intersil Corporation ISL5217_05 Datasheet HTML 3Page - Intersil Corporation ISL5217_05 Datasheet HTML 4Page - Intersil Corporation ISL5217_05 Datasheet HTML 5Page - Intersil Corporation ISL5217_05 Datasheet HTML 6Page - Intersil Corporation ISL5217_05 Datasheet HTML 7Page - Intersil Corporation ISL5217_05 Datasheet HTML 8Page - Intersil Corporation ISL5217_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
®
ISL5217
Data Sheet
July 8, 2005
FN6004.3
Quad Programmable Up Converter
The ISL5217 Quad Programmable UpConverter (QPUC) is a
QASK/FM modulator/FDM upconverter designed for high
dynamic range applications such as cellular basestations. The
QPUC combines shaping and interpolation filters, a complex
modulator, and timing and carrier NCOs into a single package.
Each QPUC can create four FDM channels. Multiple QPUCs can
be cascaded digitally to provide for up to 16 FDM channels in
multi-channel applications.
The ISL5217 supports both vector and FM modulation. In vector
modulation mode, the QPUC accepts 16-bit I and Q samples to
generate virtually any quadrature AM or PM modulation format.
The QPUC also has two FM modulation modes. In the FM with
pulse shaping mode, the 16-bit frequency samples are pulse
shaped/bandlimited prior to FM modulation. No band limiting filter
follows the FM modulator. This FM mode is useful for GMSK type
modulation formats. In the FM with band limiting filter mode, the
16-bit frequency samples directly drive the FM modulator. The
FM modulator output is filtered to limit the spectral occupancy.
This FM mode is useful for analog FM or FSK modulation
formats.
The QPUC includes an NCO driven interpolation filter, which
allows the input and output sample rate to have an integer
and/or variable relationship. This re-sampling feature
simplifies cascading modulators with sample rates that do not
have harmonic or integer frequency relationships.
The QPUC offers digital output spectral purity that exceeds
100dB at the maximum output sample rate of 104MSPS, for
input sample rates as high as 6.5MSPS.
A 16-bit microprocessor compatible interface is used to load
configuration and baseband data. A programmable FIFO depth
interrupt simplifies the interface to the I and Q input FIFOs.
Features
• Output Sample Rates Up to 104MSPS with Input Data
Rates Up to 6.5MSPS
• Processing Capable of >140dB SFDR Out of Band
• Vector modulation for supporting IS-136, EDGE, IS95, TD-
SCDMA, CDMA-2000-1X/3X, W-CDMA, and UMTS
• FM Modulation for Supporting AMPS, NMT, and GSM
• Four Completely Independent Channels on Chip, Each With
Programmable 256 Tap Shaping FIR, Half-Band, and High
Order Interpolation Filters
• 16-Bit parallel
µProcessor Interface and Four Independent
Serial Data Inputs
• Two 20-bit I/O Buses and Two 20-bit Output Buses Allow
Cascading Multiple Devices
• 32-Bit Programmable Carrier NCO; 48-Bit Programmable
Symbol Timing NCOs
• Dynamic Gain Profiling and Output Routing Control
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Single or Multiple Channel Digital Software Radio
Transmitters (Wide-Band or Narrow-Band)
• Base Station Transmitter and Smart Antennas
• Operates with HSP50216 in Software Radio Solutions
• Compatible with the HI5960/ISL5961 or HI5828/ISL5929
D/A Converters
Block Diagram
Ordering Information
PART
NUMBER
TEMP
RANGE (oC)
PACKAGE
PKG. DWG.
#
ISL5217KI
-40 to 85
196 Ld BGA
V196.15x15
ISL5217KIZ (Note)
-40 to 85
196 Ld BGA (Pb-free) V196.15x15
ISL5217EVAL1
25
Evaluation Kit
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
INPUT
DATA
PARALLEL HOST INTERFACE
SHAPING
INTPL
FILTER
CARRIER
NCO
SIN
COS
IOUT(19:0)
QOUT(19:0)
IIN(19:0)
CONFIGURATION AND CONTROL BUS
FM MOD.
SAMPLE
NCO
COMPLEX
MIXER
P<15:0>
A<6:0>
{CNTRL}
I0
Q0
I1
Q1
I2
Q2
I3
Q3
4 CH
SUM
1
CAS
SUM
QIN(19:0)
CHANNEL 0
SDB
SDC
SDD
SDA
CHANNEL 1
CHANNEL 2
CHANNEL 3
2
3
4
I/Q
HALF
BAND
FILTER/
I/Q
I/Q
I/Q
I/Q
I/Q
Σ
Σ
Σ
Σ
Σ
DELAY
SUM
CAS
SUM
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL5217_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5217EVAL1 INTERSIL-ISL5217EVAL1 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217EVAL1 RENESAS-ISL5217EVAL1 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217KI INTERSIL-ISL5217KI Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217KI RENESAS-ISL5217KI Datasheet
1Mb / 43P
   Quad Programmable Up Converter
ISL5217KIZ RENESAS-ISL5217KIZ Datasheet
1Mb / 43P
   Quad Programmable Up Converter
More results

Similar Description - ISL5217_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
   Quad power amplifier with integrated step-up converter
logo
ams AG
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com