Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7389-SP-0G00 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CGB7389-SP-0G00
Description  2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7389-SP-0G00 Datasheet(HTML) 1 Page - Mimix Broadband

  CGB7389-SP-0G00 Datasheet HTML 1Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 2Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 3Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 4Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 5Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 6Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 7Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 8Page - Mimix Broadband CGB7389-SP-0G00 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2.1-2.5 GHz InGaP HBT
Matched Gain Block Amplifier
Page 1 of 15
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7389-SC
Functional Block Diagram (SOT-89)
Input
Ground Output
Bias
Ground
1
2
3
4
Features
41.0 dBm Output IP3 @ 2450 MHz
14.6 dB Gain @ 2140 MHz
13.2 dB Gain @ 2450 MHz
24.3 dBm P1dB @ 2450 MHz
Low Performance Variation Over Temperature
Low Cost: SOT-89 Package
100% DC On-Wafer Testing
ESD Protection on All Die: >2000V HBM
Low Thermal Resistance: <35ºC/Watt
Low Volt Supply: 5V, Active Bias
PA Driver Amp, IF Amp, LO Buffer Amp
UMTS, 3G, WLAN, WiMAX
Wireless Broadband, Fixed Wireless, SATCOM
Transmit and Receive Functions
CATV
Applications
Electrical Characteristics (5V, Active Bias)
Unless otherwise specified, the following specifications are guaranteed at room temperature in a Mimix test fixture.
Notes: 1. Test Conditions in Mimix eval board, Vs = 5 V, Id = 115 mA Typ., Zs = Zl = 50
, OIP3 tone spacing = 1 MHz, Pout per tone = 11 dBm.
2. Values reflect performance in recommended application circuit.
2140 MHz
2450 MHz
Units
Max.
Typ.
Min.
Max.
Typ.
Min.
Temperature (ºC)
Parameter
Small Signal Gain
Output P1dB
Output IP3
Noise Figure
Operating Current
Input Return Loss
Output Return Loss
Pout @ -45 dBc, ACP
IS-95, 9 Forward Channels
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
13.3
12.9
22.0
21.8
37.5
37.0
105
100
10
9
16.0
15.0
14.3
14.3
23.0
23.0
39.0
39.0
4.2
4.2
115
115
14
14
24.0
24.0
14.0
14.0
15.3
15.3
5.2
5.7
125
130
12.0
11.6
22.5
22.3
39.5
39.0
105
100
12
11
12.0
11.0
13.0
13.0
23.5
23.5
40.5
41.0
4.5
4.5
115
115
16
16
16.0
16.0
15.0
15.0
14.0
14.4
5.7
6.2
125
130
dB
dB
dBm
dBm
dBm
dBm
dB
dB
mA
mA
dB
dB
dB
dB
dBm
dBm
Max Device Voltage
Max Device Current
Max Device Dissipated Power
RF Input Power
Storage Temperature
Junction Temperature
Operating Temperature
Thermal Resistance
EDS (HBM)
+6.0 V
200 mA
1.2 W
+17 dBm
-55ºC to 150ºC
150ºC
-40ºC to +85ºC
35º C/W
2000 V
Absolute Maximum Ratings
Description
Operation of this device above any of these parameters may cause
permanent damage.
July 2006 - Rev 26-Jul-06
The CGB7389-SC is a single stage, high power, high
dynamic range, utility gain block amplifier. Designed for
applications operating within the 2.1 to 2.5 GHz frequency
range, Mimix’s broadband, cascadable, gain block amplifier is
an ideal solution for transmit, receive and IF applications.
This MMIC amplifier is available in an industry
standard SOT-89 package. Mimix's InGaP HBT technology and
an industry low thermal resistance offers a
thermally robust
and reliable gain block solution.
The InGaP HBT die have extra pads to enable
thorough DC testing. This unique test capability and the
inclusion of ESD protection on all die, significantly enhances
the quality, reliability and ruggedness of these products.
This gain block amplifier offers significant ease of
use in a broad range of applications. The combination of
high gain, P1dB and high OIP3 at low current makes the
CGB7389-SC an ideal transmit and receive solution when
used in applications including 3G, fixed wireless broadband,
WLAN and WiMAX services operating from 2.1 to 2.5 GHz.


Similar Part No. - CGB7389-SP-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7389-SP-0G00 MIMIX-CGB7389-SP-0G00 Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - CGB7389-SP-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7389-SC MIMIX-CGB7389-SC Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC MIMIX-CGB7389-SC_08 Datasheet
267Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com