Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5230N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE5230N
Description  Low voltage operational amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5230N Datasheet(HTML) 4 Page - NXP Semiconductors

  NE5230N Datasheet HTML 1Page - NXP Semiconductors NE5230N Datasheet HTML 2Page - NXP Semiconductors NE5230N Datasheet HTML 3Page - NXP Semiconductors NE5230N Datasheet HTML 4Page - NXP Semiconductors NE5230N Datasheet HTML 5Page - NXP Semiconductors NE5230N Datasheet HTML 6Page - NXP Semiconductors NE5230N Datasheet HTML 7Page - NXP Semiconductors NE5230N Datasheet HTML 8Page - NXP Semiconductors NE5230N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
4
DC AND AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified,
±0.9V ≤ VS ≤ +7.5V or equivalent single supply, RL=10kΩ, full input common-mode range, over full operating
temperature range.
SYMBOL
PARAMETER
TEST CONDITIONS
BIAS
NE/SA5230
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
BIAS
Min
Typ
Max
UNIT
VOS
Offset voltage
TA=25°C
Any
0.4
3
mV
VOS
Offset voltage
TA=25°C
Any
3
4
mV
VOS
Drift
Any
2
5
µV/°C
TA=25°C
High
3
50
IOS
Offset current
TA=25°C
Low
3
30
nA
IOS
Offset current
High
100
nA
Low
60
IOS
Drift
High
0.5
1.4
nA/
°C
IOS
Drift
Low
0.3
1.4
nA/
°C
TA=25°C
High
40
150
I
Bias current
TA=25°C
Low
20
60
nA
IB
Bias current
High
200
nA
Low
150
I
Drift
High
2
4
nA/
°C
IB
Drift
Low
2
4
nA/
°C
TA=25°C
Low
110
160
VS=±09V
TA=25°C
High
600
750
µA
VS=±0.9V
Low
250
µA
IS
Supply current
High
800
IS
Supply current
TA=25°C
Low
320
550
VS=±75V
TA=25°C
High
1.1
1.6
µA
VS=±7.5V
Low
600
µA
High
1.7
VC
Common mode input range
VOS≤6mV, TA=25°C
Any
V-0.25
V+ +0.25
V
VCM
Common-mode input range
Any
V
V+
V
CMRR
Common-mode rejection ratio
VS=±7.5V
RS=10kΩ, VCM=±7.5V,
TA=25°C
Any
85
95
dB
j
S
RS=10kΩ, VCM=±7.5V
Any
80
TA=25°C
High
90
105
PSRR
Power supply rejection ratio
TA=25°C
Low
85
95
dB
PSRR
Power supply rejection ratio
High
75
dB
Low
80
source
VS=±7.5V
Any
4
10
sink
VS=±7.5V
Any
5
15
source
VS=±7.5V
Any
1
5
I
Load current
sink
VS=±7.5V
Any
2
6
mA
IL
Load current
source
VS=±0.9V, TA=25°C
High
4
6
mA
sink
VS=±0.9V, TA=25°C
High
5
7
source
VS=±7.5V, TA=25°C
High
16
sink
VS=±7.5V, TA=25°C
High
32
RL=10kΩ, TA=25°C
High
120
2000
V/mV
A O
Large signal open loop gain
VS=±75V
RL=10kΩ, TA=25°C
Low
60
750
AVOL
Large-signal open-loop gain
VS=±7.5V
High
100
V/mV
Low
50


Similar Part No. - NE5230N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5230N ONSEMI-NE5230N Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230NG ONSEMI-NE5230NG Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230NG ONSEMI-NE5230NG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - NE5230N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com