Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84524IUZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL84524IUZ
Description  Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84524IUZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL84524IUZ Datasheet HTML 4Page - Intersil Corporation ISL84524IUZ Datasheet HTML 5Page - Intersil Corporation ISL84524IUZ Datasheet HTML 6Page - Intersil Corporation ISL84524IUZ Datasheet HTML 7Page - Intersil Corporation ISL84524IUZ Datasheet HTML 8Page - Intersil Corporation ISL84524IUZ Datasheet HTML 9Page - Intersil Corporation ISL84524IUZ Datasheet HTML 10Page - Intersil Corporation ISL84524IUZ Datasheet HTML 11Page - Intersil Corporation ISL84524IUZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ISL84524: 193
ISL84525: 193
PROCESS:
Si Gate CMOS
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. CROSSTALK AND OFF ISOLATION
FIGURE 15. CHARGE INJECTION vs SWITCH VOLTAGE
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
+3
0
-3
GAIN
PHASE
V+ = 5V
0
45
90
135
180
1
10
100
600
RL = 50Ω
VIN = 5VP-P
VIN = 0.2VP-P
VIN = 5VP-P
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V to 12V
VCOM (V)
01
2
345
-0.5
0
0.5
1
0.75
0.25
-0.25
V+ = 3.3V
V+ = 5V
ISL84524, ISL84525


Similar Part No. - ISL84524IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
logo
Renesas Technology Corp
ISL84524IUZ RENESAS-ISL84524IUZ Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
More results

Similar Description - ISL84524IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com