Electronic Components Datasheet Search |
|
CMM1118-QT-0G0T Datasheet(PDF) 1 Page - Mimix Broadband |
|
CMM1118-QT-0G0T Datasheet(HTML) 1 Page - Mimix Broadband |
1 / 6 page 11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier Page 1 of 6 Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com Characteristic Data and Specifications are subject to change without notice. ©2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. February 2007 - Rev 08-Feb-07 CMM1118-QT 20 dB Gain 14 dBm P1dB 3x3 QFN Package Single Power Supply 5-7 V, 90 mA Self Bias On-Chip ESD Protection Features Electrical Characteristics (T=25ºC) Circuit Description Mimix Broadband’s 3 stage 11.0 to 20.0 GHz driver amplifier is packaged in surface mount 3x3 QFN package. The device is a self-biased, single supply design with 20 dB gain and 14 dBm P1dB. This MMIC uses Mimix Broadband’s 0.25um optical pHEMT process. Supply Voltage RF Input Power Storage Temperature (Tstg) Junction Temperature Operating Temperature +8 V +10 dBm -55 ºC to +125 ºC 175 ºC -40 ºC to +85ºC Absolute Maximum Ratings Frequency Range Gain Gain Delta Output P1dB Output IP3 Input Return Loss Current Supply Voltage Parameter Typical Parameters Frequency Gain IP Return Loss Op Return Loss P1dB OIP3 Parameter 12 21.5 -10.3 -8 12.3 23.3 14 20.4 -11.2 -18.8 12.3 22.2 16 19.6 -10.6 -11 15.5 23 18 19.2 -17 -7.5 14.7 23 Typical 20 20 -5.5 -8 16 22.2 Units GHz dB dB dBm dBm dB mA V Min. 11 17 12 Typ. 19 2 13 22 -8 5 Max. 18 100 7 Min. 17.7 17 12 Typ. 19 2 13 22 -8 5 Max. 19.7 3 100 7 CMM1118-QT-0XXX CMM1118-QT-BXXX |
Similar Part No. - CMM1118-QT-0G0T |
|
Similar Description - CMM1118-QT-0G0T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |