Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43410IUZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43410IUZ
Description  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410IUZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43410IUZ Datasheet HTML 4Page - Intersil Corporation ISL43410IUZ Datasheet HTML 5Page - Intersil Corporation ISL43410IUZ Datasheet HTML 6Page - Intersil Corporation ISL43410IUZ Datasheet HTML 7Page - Intersil Corporation ISL43410IUZ Datasheet HTML 8Page - Intersil Corporation ISL43410IUZ Datasheet HTML 9Page - Intersil Corporation ISL43410IUZ Datasheet HTML 10Page - Intersil Corporation ISL43410IUZ Datasheet HTML 11Page - Intersil Corporation ISL43410IUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6044.3
January 16, 2006
Detailed Description
The ISL43410 operates from a single 2V to 12V supply with
low on-resistance (115
Ω) and high speed operation
(tON = 60ns, tOFF = 30ns). The ISL43410 is especially well
suited to portable battery powered equipment thanks to the
low operating supply voltage (2.0V), low power consumption
(3µW), low leakage currents (5nA max), and the tiny MSOP
and QFN
packaging. High frequency applications also benefit
from the wide bandwidth, and the very high off isolation
(75dB) and crosstalk rejection (-85dB).
Supply Sequencing And Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and GND (see
Figure 8). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and input signal
voltages must remain between V+ and GND. If these
conditions cannot be guaranteed, then one of the following
two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
resistor in series with the input (see Figure 8). The resistor
limits the input current below the threshold that produces
permanent damage, and the sub-microamp input current
produces an insignificant voltage drop during normal
operation.
This method is not applicable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal
diodes can be added in series with the supply pins to provide
overvoltage protection for all pins (see Figure 8). These
additional diodes limit the analog signal from 1V below V+ to
1V above GND. The low leakage current performance is
unaffected by this approach, but the switch resistance may
increase, especially at low supply voltages.
Power-Supply Considerations
The ISL43410 construction is typical of most CMOS analog
switches, except that they have only two supply pins: V+ and
GND. V+ and GND drive the internal CMOS switches and
set their analog voltage limits. Unlike switches with a 13V
maximum supply voltage, the ISL43410’s 15V maximum
supply voltage provides plenty of room for the 10% tolerance
of 12V supplies, as well as room for overshoot and noise
spikes.
The minimum recommended supply voltage is 2.0V. It is
important to note that the input signal range, switching times,
and on-resistance degrade at lower supply voltages. Refer
to the electrical specification tables and Typical Performance
curves for details.
V+ and GND also power the internal logic and level shifters.
The level shifters convert the input logic levels to switched
V+ and GND signals to drive the analog switch gate
terminals.
This device cannot be operated with bipolar supplies,
because the input switching point becomes negative in this
configuration.
Logic-Level Thresholds
The ISL43410 is TTL compatible (0.8V and 2.4V) over a
supply range of 3V to 11V (see Figure 11). At 12V the VIH
level is about 2.5V. This is still below the TTL guaranteed
high output minimum level of 2.8V, but noise margin is
reduced. For best results with a 12V supply, use a logic
family the provides a VOH greater than 3V.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails (see
Figure 12). Driving the digital input signals from GND to V+
with a fast transition time minimizes power dissipation. The
ISL43410 has been designed to minimize the supply current
whenever the digital input voltage is not driven to the supply
rails (0V to V+). For example driving the device with 3V logic
(0V to 3V) while operating with a 5V supply the device draws
only 10µA of current (see Figure 12 for VIN = 3V). Similar
devices of competitors can draw 8 times this amount of
current.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat even past
100MHz (see Figure 17). Figure 17 also illustrates that the
frequency response is very consistent over a wide V+ range,
and for varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal feed
through from a switch’s input to its output. Off Isolation is the
resistance to this feed through, while Crosstalk indicates the
amount of feed through from one switch to another.
Figure 18 details the high Off Isolation and Crosstalk
rejection provided by this family. At 10MHz, Off Isolation is
about 55dB in 50
Ω systems, decreasing approximately 20dB
FIGURE 8. OVERVOLTAGE PROTECTION
GND
VCOM
VNO OR NC
OPTIONAL PROTECTION
V+
IN
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
FOR LOGIC
INPUTS
1k
ADD
1k
ISL43410


Similar Part No. - ISL43410IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410IUZ INTERSIL-ISL43410IUZ Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410IUZ INTERSIL-ISL43410IUZ Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410IUZ RENESAS-ISL43410IUZ Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410IUZ-T INTERSIL-ISL43410IUZ-T Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410IUZ-T INTERSIL-ISL43410IUZ-T Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
More results

Similar Description - ISL43410IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com