Electronic Components Datasheet Search |
|
ISL8485EABZ-T Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL8485EABZ-T Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 14 page 2 Pinout ISL8483E, ISL8485E (PDIP, SOIC) TOP VIEW Truth Tables TRANSMITTING INPUTS OUTPUTS RE DE DI Z Y X 1101 X 1010 0 0 X High-Z High-Z 1 0 X High-Z * High-Z * *Shutdown Mode for ISL8483E (see Note 7) RECEIVING INPUTS OUTPUT RE DE A-B RO 00 ≥ +0.2V 1 00 ≤ -0.2V 0 0 0 Inputs Open 1 1 0 X High-Z* 1 1 X High-Z *Shutdown Mode for ISL8483E (see Note 7) RO RE DE DI 1 2 3 4 8 7 6 5 VCC B / Z A / Y GND D R Ordering Information PART NO. (BRAND) TEMP. RANGE (°C) PACKAGE PKG. DWG. # ISL8483ECPZ (8483ECPZ) (Note) -0 to 70 8 Ld PDIP* (Pb-free) M8.15 ISL8483EIB (8483EIB) -40 to 85 8 Ld SOIC M8.15 ISL8483EIB-T (8483EIB) 8 Ld SOIC Tape and Reel ISL8483EIBZ (8483EIBZ) (Note) -40 to 85 8 Ld SOIC (Pb-free) M8.15 ISL8483EIBZ-T (8483EIBZ) (Note) 8 Ld SOIC Tape and Reel (Pb-free) ISL8483EIP -40 to 85 8 Ld PDIP E8.3 ISL8483EIPZ (Note) -40 to 85 8 Ld PDIP* (Pb-free) E8.3 ISL8485EABZ (8485EABZ) (Note) -40 to 125 8 Ld SOIC (Pb-free) M8.15 ISL8485EABZ-T (8485EABZ) (Note) 8 Ld SOIC Tape and Reel (Pb-free) ISL8485ECB (8485ECB) 0 to 70 8 Ld SOIC M8.15 ISL8485ECB-T (8485ECB) 8 Ld SOIC Tape and Reel ISL8485ECBZ (8485ECBZ) (Note) 0 to 70 8 Ld SOIC (Pb-free) M8.15 ISL8485ECBZ-T (8485ECBZ) (Note) 8 Ld SOIC Tape and Reel (Pb-free) ISL8485ECP 0 to 70 8 Ld PDIP E8.3 ISL8485ECPZ (Note) 0 to 70 8 Ld PDIP* (Pb-free) E8.3 ISL8485EIB (8485EIB) -40 to 85 8 Ld SOIC M8.15 ISL8485EIB-T (8485EIB) 8 Ld SOIC Tape and Reel ISL8485EIBZ (8485EIBZ) (Note) -40 to 85 8 Ld SOIC (Pb-free) M8.15 ISL8485EIBZ-T (8485EIBZ) (Note) 8 Ld SOIC Tape and Reel (Pb-free) ISL8485EIP -40 to 85 8 Ld PDIP E8.3 ISL8485EIPZ (Note) -40 to 85 8 Ld PDIP* (Pb-free) E8.3 *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ISL8483E, ISL8485E |
Similar Part No. - ISL8485EABZ-T |
|
Similar Description - ISL8485EABZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |