Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE529D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE529D
Description  Voltage comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE529D Datasheet(HTML) 5 Page - NXP Semiconductors

  NE529D Datasheet HTML 1Page - NXP Semiconductors NE529D Datasheet HTML 2Page - NXP Semiconductors NE529D Datasheet HTML 3Page - NXP Semiconductors NE529D Datasheet HTML 4Page - NXP Semiconductors NE529D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE529
Voltage comparator
August 31, 1994
324
APPLICATIONS
One of the main features of the device is that supply voltages (V+,
V-) need not be balanced, as in the following diagrams. For proper
operation, however, negative supply (V-) should always be at least
6V more than the ground terminal (pin 6). Input Common-Mode
range should be limited to values of 2V less than the supply voltages
(V+ and V-) up to a maximum of
±5V as supply voltages are
increased.
It is also important to note that Output A is in phase with Input A and
Output B is in phase with Input B.
LOGIC FUNCTION
VID
(A+, B-)
STROBE A
STROBE B
OUTPUT A
OUTPUT B
VID≤-VOS
H
X
L
H
-VOS<VID<VOS
H
H
Undefined
Undefined
VID≥VOS
X
H
H
L
X
L
L
H
H
TYPICAL APPLICATIONS
+ 5V
3
1
14
Q
Q
11
529N
9
10
6
4
R1
R1
R2
R2
ECL
INPUT
TTL OUTPUTS
– 10V
λ
+ 5V
R2
3
1
14
Q
Q
11
529N
9
10
6
4
– 6V
R1
R2
R1
Q
Q
3
1
14
11
529N
9
10
6
4
3
1
14
11
529N
9
10
6
4
1103
MOS RAM
VREF
+ 5V
100
100
– 6V
3
1
14
11
529N
9
10
6
4
3
1
14
11
529N
9
10
6
4
+ 5V
TTL INPUT
3R1
R1
R1
– 10V
– 5.2V
2K
2K
Photodiode Detector
ECL-to-TTL Interface
MOS Memory Sense AMP
TTL-to-ECL Interface


Similar Part No. - NE529D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE529A TI1-NE529A Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
NE529A TI1-NE529A Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
NE529K TI1-NE529K Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
NE529K TI1-NE529K Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
More results

Similar Description - NE529D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com