Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA532 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA532
Description  Low power dual operational amplifi
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA532 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA532 Datasheet HTML 1Page - NXP Semiconductors SA532 Datasheet HTML 2Page - NXP Semiconductors SA532 Datasheet HTML 3Page - NXP Semiconductors SA532 Datasheet HTML 4Page - NXP Semiconductors SA532 Datasheet HTML 5Page - NXP Semiconductors SA532 Datasheet HTML 6Page - NXP Semiconductors SA532 Datasheet HTML 7Page - NXP Semiconductors SA532 Datasheet HTML 8Page - NXP Semiconductors SA532 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
3
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) Package
0
°C to +70 °C
NE532D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
NE532N
SOT97-1
8-Pin Plastic Small Outline (SO) Package
–40
°C to +85 °C
SA532D
SOT96-1
8-Pin Plastic Small Outline (SO) Package
–40
°C to +125 °C
LM2904D
SOT96-1
8-Pin Plastic Thin Shrink Small Outline Package (TSSOP)
–40
°C to +125 °C
LM2904DP
SOT505-1
8-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +125 °C
LM2904N
SOT97-1
8-Pin Plastic Small Outline (SO) Package
–25
°C to +125 °C
LM258D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
–25
°C to +125 °C
LM258N
SOT97-1
8-Pin Plastic Small Outline (SO) Package
0
°C to +70 °C
LM358D
SOT96-1
8-Pin Plastic Thin Shrink Small Outline Package (TSSOP)
0
°C to +70 °C
LM358DP
SOT505-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
LM358N
SOT97-1
8-Pin Plastic Small Outline (SO) Package
0
°C to +70 °C
LM358AD
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
LM358AN
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
–55
°C to +125 °C
SE532N
SOT97-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Supply voltage, V+
32 or
±16
VDC
Differential input voltage
32
VDC
VIN
Input voltage
–0.3 to +32
VDC
Maximum power dissipation
Tamb = 25 °C (Still air)1
PD
N package
1160
mW
D package
780
mW
DP package
714
mW
Output short-circuit to GND2
V+ < 15 VDC and Tamb = 25 °C
Continuous
Operating ambient temperature range
NE532/LM358/LM358A
0 to +70
°C
Tamb
LM258
–25 to +85
°C
Tamb
LM2904
–40 to +125
°C
SA532
–40 to +85
°C
SE532
–55 to +125
°C
Tstg
Storage temperature range
–65 to +150
°C
Tsld
Lead soldering temperature (10 sec max)
230
°C
NOTE:
1. Derate above 25
°C, at the following rates:
N package at 9.3 mW/
°C
D package at 6.2 mW/
°C
DP package at 5.72 mW/
°C
2. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately
40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15 VDC, continuous short-circuits can exceed the
power dissipation ratings and cause eventual destruction.


Similar Part No. - SA532

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA53 CIRRUS-SA53 Datasheet
757Kb / 14P
   Switching Amplifier
SA53-IHZ CIRRUS-SA53-IHZ Datasheet
757Kb / 14P
   Switching Amplifier
logo
AUK corp
SA5311 AUK-SA5311 Datasheet
205Kb / 3P
   LED Lamp
SA5311B AUK-SA5311B Datasheet
205Kb / 3P
   LED Lamp
SA5315-F AUK-SA5315-F Datasheet
202Kb / 4P
   High Brightness LED Lamp
More results

Similar Description - SA532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com