Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7001-SC Datasheet(PDF) 3 Page - Mimix Broadband

Part # CGB7001-SC
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7001-SC Datasheet(HTML) 3 Page - Mimix Broadband

  CGB7001-SC Datasheet HTML 1Page - Mimix Broadband CGB7001-SC Datasheet HTML 2Page - Mimix Broadband CGB7001-SC Datasheet HTML 3Page - Mimix Broadband CGB7001-SC Datasheet HTML 4Page - Mimix Broadband CGB7001-SC Datasheet HTML 5Page - Mimix Broadband CGB7001-SC Datasheet HTML 6Page - Mimix Broadband CGB7001-SC Datasheet HTML 7Page - Mimix Broadband CGB7001-SC Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Linearity Performance - Base Station ACP – IS-95
P1dB Vs Frequency
6
8
10
12
14
16
01
23
45
6
Frequency (GHz)
25 C
-40 C
85 C
OIP3 Vs Frequency
23
25
27
29
31
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation, 3 dBm/tone
Page 3 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7001-SC (-BD)
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
September 2006 - Rev 01-Sep-06
Typical S-Parameter and Noise Performance (cont.)


Similar Part No. - CGB7001-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7001-SC MIMIX-CGB7001-SC Datasheet
851Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SC-0G00 MIMIX-CGB7001-SC-0G00 Datasheet
851Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7001-SC-0G00 MIMIX-CGB7001-SC-0G00 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SC-0G0T MIMIX-CGB7001-SC-0G0T Datasheet
851Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7001-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC_07 Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7004-SC_0608 MIMIX-CGB7004-SC_0608 Datasheet
513Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com