Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL81487EIB Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL81487EIB
Description  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81487EIB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL81487EIB Datasheet HTML 6Page - Intersil Corporation ISL81487EIB Datasheet HTML 7Page - Intersil Corporation ISL81487EIB Datasheet HTML 8Page - Intersil Corporation ISL81487EIB Datasheet HTML 9Page - Intersil Corporation ISL81487EIB Datasheet HTML 10Page - Intersil Corporation ISL81487EIB Datasheet HTML 11Page - Intersil Corporation ISL81487EIB Datasheet HTML 12Page - Intersil Corporation ISL81487EIB Datasheet HTML 13Page - Intersil Corporation ISL81487EIB Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6051.7
February 27, 2006
FIGURE 10. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8487E, ISL81487L)
FIGURE 11. DRIVER SKEW vs TEMPERATURE
(ISL8487E, ISL81487L)
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL81487E)
FIGURE 13. DRIVER SKEW vs TEMPERATURE
(ISL81487E)
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH
(ISL8487E, ISL81487L)
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW
(ISL8487E, ISL81487L)
Typical Performance Curves VCC = 5V, TA = 25°C, ISL8487E, ISL81487L and ISL81487E;
Unless Otherwise Specified (Continued)
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLY
tPLHZ
tPHLZ
450
500
550
600
650
700
750
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSS PT. OF Y
↑ & Z↓ - CROSS PT. OF Y↓ & Z↑|
0
50
100
150
200
250
-40
0
50
85
TEMPERATURE (
°C)
-25
25
75
tPLHY
tPHLZ
tPLHZ
16
18
20
22
24
26
28
30
tPHLY
-40
0
50
85
TEMPERATURE (
°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
↑ & Z↓ - CROSSING PT. OF Y↓ & Z↑|
0
1
2
3
4
5
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
A/Y
B/Z
0
5
ISL81487L
ISL8487E
RO
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
A/Y
B/Z
0
5
ISL81487L
ISL8487E
RO
ISL8487E, ISL81487L, ISL81487E


Similar Part No. - ISL81487EIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81487EIB INTERSIL-ISL81487EIB Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL81487EIB RENESAS-ISL81487EIB Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL81487EIB-T INTERSIL-ISL81487EIB-T Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL81487EIBZ INTERSIL-ISL81487EIBZ Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL81487EIBZ RENESAS-ISL81487EIBZ Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL81487EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com