Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83485IB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL83485IB
Description  3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83485IB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL83485IB Datasheet HTML 1Page - Intersil Corporation ISL83485IB Datasheet HTML 2Page - Intersil Corporation ISL83485IB Datasheet HTML 3Page - Intersil Corporation ISL83485IB Datasheet HTML 4Page - Intersil Corporation ISL83485IB Datasheet HTML 5Page - Intersil Corporation ISL83485IB Datasheet HTML 6Page - Intersil Corporation ISL83485IB Datasheet HTML 7Page - Intersil Corporation ISL83485IB Datasheet HTML 8Page - Intersil Corporation ISL83485IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A > B by at least 0.2V, RO is high; If A < B by 0.2V or more, RO is low; RO = High if A and B are unconnected (floating).
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
Noninverting receiver input and noninverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1.
B/Z
Inverting receiver input and inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1.
A
Noninverting receiver input.
B
Inverting receiver input.
Y
Noninverting driver output.
Z
Inverting driver output.
VCC
System power supply input (3V to 3.6V).
NC
No Connection.
ISL83483, ISL83485, ISL83488, ISL83490, ISL83491


Similar Part No. - ISL83485IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83485IB INTERSIL-ISL83485IB Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IB INTERSIL-ISL83485IB Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83485IB RENESAS-ISL83485IB Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83485IBZ INTERSIL-ISL83485IBZ Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83485IBZ RENESAS-ISL83485IBZ Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83485IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com