Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1008-BD-EV1 Datasheet(PDF) 6 Page - Mimix Broadband

Part # XB1008-BD-EV1
Description  10.0-21.0 GHz GaAs MMIC Buffer Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1008-BD-EV1 Datasheet(HTML) 6 Page - Mimix Broadband

  XB1008-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 7Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 8Page - Mimix Broadband XB1008-BD-EV1 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
S-Parameters
Page 6 of 9
10.0-21.0 GHz GaAs MMIC
Buffer Amplifier
B1008-BD
Typcial S-Parameter Data for XB1008-BD
Vd=4.5 V, Id=130 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
1.0
0.944
-60.98
0.000
18.80
0.0001
-36.08
0.997
-24.90
2.0
0.848
-108.53
0.002
13.67
0.0001
-150.55
0.985
-50.82
3.0
0.771
-146.17
0.014
5.52
0.0001
-72.16
0.957
-80.78
4.0
0.704
-178.31
0.063
-12.67
0.0004
-135.80
0.906
-116.97
5.0
0.631
152.65
0.283
-23.76
0.0015
-136.07
0.840
-161.09
6.0
0.539
124.99
1.207
-78.09
0.0029
164.77
0.734
146.65
7.0
0.431
100.75
2.408
-139.54
0.0027
106.15
0.598
97.34
8.0
0.344
80.18
3.489
173.52
0.0013
51.18
0.494
56.23
9.0
0.282
59.71
4.703
135.62
0.0010
-97.63
0.402
20.48
10.0
0.239
37.23
6.164
100.64
0.0027
-139.22
0.295
-12.31
11.0
0.209
10.36
7.669
65.97
0.0046
-164.96
0.181
-42.75
12.0
0.185
-20.70
8.900
31.63
0.0058
177.10
0.076
-75.93
13.0
0.173
-53.67
9.595
-1.05
0.0076
159.37
0.029
-173.57
14.0
0.158
-82.88
9.675
-31.28
0.0081
145.97
0.075
110.08
15.0
0.150
-104.65
9.420
-58.29
0.0090
137.26
0.117
87.98
16.0
0.154
-119.28
9.144
-82.19
0.0092
134.02
0.132
69.11
17.0
0.166
-133.48
8.787
-104.96
0.0099
126.95
0.140
54.17
18.0
0.178
-153.38
8.366
-127.67
0.0118
122.92
0.126
39.88
19.0
0.179
-172.17
7.787
-149.56
0.0149
115.81
0.086
30.73
20.0
0.137
-176.89
6.957
-167.30
0.0179
94.96
0.068
9.28
21.0
0.179
-175.27
6.681
174.38
0.0152
84.98
0.044
-113.48
22.0
0.186
177.55
6.060
156.51
0.0166
74.38
0.102
-170.80
23.0
0.206
169.96
5.474
140.27
0.0173
62.82
0.172
172.17
24.0
0.236
162.19
4.967
125.45
0.0165
47.90
0.253
158.99
25.0
0.266
150.98
4.551
111.76
0.0145
36.28
0.330
146.55
26.0
0.288
139.84
4.172
98.08
0.0140
30.85
0.387
135.74
27.0
0.309
129.39
3.935
86.20
0.0127
16.37
0.444
126.78
28.0
0.327
117.66
3.752
73.15
0.0110
3.68
0.485
118.34
29.0
0.335
107.31
3.599
59.84
0.0099
-5.58
0.515
111.39
30.0
0.336
95.98
3.463
45.69
0.0080
-16.75
0.536
106.13
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 06-Mar-07


Similar Part No. - XB1008-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-BD-EV1 MIMIX-XB1008-BD-EV1 Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
More results

Similar Description - XB1008-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-BD MIMIX-XB1008-BD_07 Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
XB1008-QT MIMIX-XB1008-QT Datasheet
694Kb / 6P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
XB1008-QT MIMIX-XB1008-QT_10 Datasheet
697Kb / 6P
   10.0-21.0 GHz GaAs MMIC
XB1008-BD MIMIX-XB1008-BD_10 Datasheet
1Mb / 5P
   10.0-21.0 GHz GaAs MMIC
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
   21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com