Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


CD4093BCM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. CD4093BCM
Description  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005982
www.fairchildsemi.com
October 1987
Revised April 2002
CD4093BC
Quad 2-Input NAND Schmitt Trigger
General Description
The CD4093B consists of four Schmitt-trigger circuits.
Each circuit functions as a 2-input NAND gate with Schmitt-
trigger action on both inputs. The gate switches at different
points for positive and negative-going signals. The differ-
ence between the positive (VT
+) and the negative voltage
(VT
) is defined as hysteresis voltage (V
H).
All outputs have equal source and sink currents and con-
form to standard B-series output drive (see Static Electrical
Characteristics).
Features
s Wide supply voltage range: 3.0V to 15V
s Schmitt-trigger on each input
with no external components
s Noise immunity greater than 50%
s Equal source and sink currents
s No limit on input rise and fall time
s Standard B-series output drive
s Hysteresis voltage (any input) TA = 25°C
Applications
• Wave and pulse shapers
• High-noise-environment systems
• Monostable multivibrators
• Astable multivibrators
• NAND logic
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Typical
VDD = 5.0V VH = 1.5V
VDD = 10V VH = 2.2V
VDD = 15V VH = 2.7V
Guaranteed
VH = 0.1 VDD
Order Number
Package Number
Package Description
CD4093BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4093BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74LVC132AQuad 2-input NAND Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
MC74VHC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreMotorola, Inc
74VCX132_05Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74F132_00Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 Fairchild Semiconductor
MC14093B_06Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
MC74AC132Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
MC74VHC132Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
MC74VHCT132A_06Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl