Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4093BCN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CD4093BCN
Description  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4093BCN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CD4093BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, Input tr, tf = 20 ns, unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time
VDD = 5V
300
450
ns
VDD = 10V
120
210
VDD = 15V
80
160
tTHL, tTLH
Transition Time
VDD = 5V
90
145
ns
VDD = 10V
50
75
VDD = 15V
40
60
CIN
Input Capacitance
(Any Input)
5.0
7.5
pF
CPD
Power Dissipation Capacitance
(Per Gate)
24
pF


Similar Part No. - CD4093BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4093BCN NSC-CD4093BCN Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
CD4093BCN FAIRCHILD-CD4093BCN Datasheet
89Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
List of Unclassifed Man...
CD4093BCN ETC2-CD4093BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4093BCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com