Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43741IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43741IRZ
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43741IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43741IRZ Datasheet HTML 1Page - Intersil Corporation ISL43741IRZ Datasheet HTML 2Page - Intersil Corporation ISL43741IRZ Datasheet HTML 3Page - Intersil Corporation ISL43741IRZ Datasheet HTML 4Page - Intersil Corporation ISL43741IRZ Datasheet HTML 5Page - Intersil Corporation ISL43741IRZ Datasheet HTML 6Page - Intersil Corporation ISL43741IRZ Datasheet HTML 7Page - Intersil Corporation ISL43741IRZ Datasheet HTML 8Page - Intersil Corporation ISL43741IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN6053.3
March 13, 2006
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
35
50
ns
Full
-
-
60
ns
Enable Turn-OFF Time, tOFF
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
22
35
ns
Full
-
-
40
ns
Address Transition Time, tTRANS
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
43
60
ns
Full
-
-
70
ns
Break-Before-Make Time, tBBM
VS = ±5.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 3)
Full
2
7
-
ns
Latch Setup Time, tS
(See Figure 4)
25
25
-
-
ns
Full
35
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
15
-
-
ns
Full
25
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
0.3
1
pC
NO/NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 8)
25
-
3
-
pF
COM OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 8)
ISL43681
25
-
21
-
pF
ISL43741
25
-
12
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 8)
ISL43681
25
-
26
-
pF
ISL43741
25
-
18
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNOx = 1VRMS (See Figures 5, 7 and 20)
25
-
92
-
dB
Crosstalk, (Note 8) (ISL43741 only)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
(ISL43741 only)
25
-
-105
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±2-
±6V
Positive Supply Current, I+
VS = ±5.5V, VINH, VADD = 0V or V+, Switch On or Off
Full
-7
-
7
µA
Negative Supply Current, I-
Full
-1
-
1
µA
NOTES:
3. VIN = Input logic voltage to configure the device in a given state.
4. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5.
∆RON = RON (MAX) - RON (MIN).
6. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
8. Between any two switches.
Electrical Specifications ±5V Supply
Test Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ISL43681, ISL43741


Similar Part No. - ISL43741IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43741IRZ RENESAS-ISL43741IRZ Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results

Similar Description - ISL43741IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com