Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM1001-QH-0G0T Datasheet(PDF) 4 Page - Mimix Broadband

Part # XM1001-QH-0G0T
Description  10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1001-QH-0G0T Datasheet(HTML) 4 Page - Mimix Broadband

  XM1001-QH-0G0T Datasheet HTML 1Page - Mimix Broadband XM1001-QH-0G0T Datasheet HTML 2Page - Mimix Broadband XM1001-QH-0G0T Datasheet HTML 3Page - Mimix Broadband XM1001-QH-0G0T Datasheet HTML 4Page - Mimix Broadband XM1001-QH-0G0T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
App Note [3] USB/LSB Selection
-
Note:
The coupled port can be used as an alternate
input but the port location of the Coupled and
Direct ports reverse.
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band Operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band Operation (USB):
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1
M1001-QH
10.0-34.0 GHz Image Reject Mixer
QFN, 4x4 mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 15-Feb-07


Similar Part No. - XM1001-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH-0G0T MIMIX-XM1001-QH-0G0T Datasheet
307Kb / 6P
   10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
More results

Similar Description - XM1001-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH MIMIX-XM1001-QH_07 Datasheet
307Kb / 6P
   10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
XM1002-BD MIMIX-XM1002-BD Datasheet
324Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1002 MIMIX-XM1002 Datasheet
320Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6530 AVAGO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
   Image Reject Mixer, 10??9 GHz
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
DEMO-AMMP-6530 BOARDCOM-DEMO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com