Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM1004-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part # XM1004-BD
Description  20.0-38.0 GHz GaAs MMIC Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1004-BD Datasheet(HTML) 3 Page - Mimix Broadband

  XM1004-BD Datasheet HTML 1Page - Mimix Broadband XM1004-BD Datasheet HTML 2Page - Mimix Broadband XM1004-BD Datasheet HTML 3Page - Mimix Broadband XM1004-BD Datasheet HTML 4Page - Mimix Broadband XM1004-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
3
5
1
4
Vg
LO
RF
IF1
IF2
0.316
(0.012)
2
3
5
1
2.000
(0.079)
1.460
(0.057)
0.0
0.0
0.316
(0.012)
1.250
(0.049)
1.594
(0.063)
4
0.995
(0.039)
20.0-38.0 GHz GaAs MMIC
Balanced Mixer
Page 3 of 5
Mechanical Drawing
Bias Arrangement
(Note: Engineering designator is 26BAM0545)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.550 mg.
Bond Pad #1 (RF)
Bond Pad #2 (IF1)
Bond Pad #3 (LO)
Bond Pad #4 (Vg)
Bond Pad #5 (IF2)
Bypass Capacitors - See App Note [2]
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
M1004-BD
XM1004-BD
XM1004-BD
February 2007 - Rev 26-Feb-07


Similar Part No. - XM1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1000 MIMIX-XM1000 Datasheet
301Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD-000V MIMIX-XM1000-BD-000V Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD-EV1 MIMIX-XM1000-BD-EV1 Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1001 MIMIX-XM1001 Datasheet
309Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
More results

Similar Description - XM1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
26BAM0545 MIMIX-26BAM0545 Datasheet
108Kb / 5P
   20.0-38.0 GHz GaAs MMIC Balanced Mixer
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
   20.0-38.0 GHz GaAs MMIC
XL1010-BD MIMIX-XL1010-BD_08 Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
XL1010-QT MIMIX-XL1010-QT Datasheet
286Kb / 5P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier, 3x3mm QFN
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Mimix Broadband
XM1000 MIMIX-XM1000 Datasheet
301Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com