Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM1006-BD Datasheet(PDF) 5 Page - Mimix Broadband

Part # XM1006-BD
Description  13.0-25.0 GHz GaAs MMIC Image Reject Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1006-BD Datasheet(HTML) 5 Page - Mimix Broadband

  XM1006-BD Datasheet HTML 1Page - Mimix Broadband XM1006-BD Datasheet HTML 2Page - Mimix Broadband XM1006-BD Datasheet HTML 3Page - Mimix Broadband XM1006-BD Datasheet HTML 4Page - Mimix Broadband XM1006-BD Datasheet HTML 5Page - Mimix Broadband XM1006-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
App Note [1] USB/LSB Selection
-
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
13.0-25.0 GHz GaAs MMIC
Image Reject Mixer
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
M1006-BD
February 2007 - Rev 26-Feb-07


Similar Part No. - XM1006-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1000 MIMIX-XM1000 Datasheet
301Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD-000V MIMIX-XM1000-BD-000V Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD-EV1 MIMIX-XM1000-BD-EV1 Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1001 MIMIX-XM1001 Datasheet
309Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
More results

Similar Description - XM1006-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
18KWR0327 MIMIX-18KWR0327 Datasheet
130Kb / 6P
   13.0-25.0 GHz GaAs MMIC Image Reject Mixer
XM1002-BD MIMIX-XM1002-BD Datasheet
324Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1001-BD MIMIX-XM1001-BD Datasheet
329Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
XM1001 MIMIX-XM1001 Datasheet
309Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
XM1002 MIMIX-XM1002 Datasheet
320Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1003-BD MIMIX-XM1003-BD Datasheet
426Kb / 7P
   32.0-42.0 GHz GaAs MMIC Image Reject Mixer
XM1003-BD MIMIX-XM1003-BD_08 Datasheet
397Kb / 7P
   32.0-42.0 GHz GaAs MMIC Image Reject Mixer
XM1005-BD MIMIX-XM1005-BD Datasheet
311Kb / 7P
   37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com