Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4489E Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL4489E
Description  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4489E Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL4489E_06 Datasheet HTML 4Page - Intersil Corporation ISL4489E_06 Datasheet HTML 5Page - Intersil Corporation ISL4489E_06 Datasheet HTML 6Page - Intersil Corporation ISL4489E_06 Datasheet HTML 7Page - Intersil Corporation ISL4489E_06 Datasheet HTML 8Page - Intersil Corporation ISL4489E_06 Datasheet HTML 9Page - Intersil Corporation ISL4489E_06 Datasheet HTML 10Page - Intersil Corporation ISL4489E_06 Datasheet HTML 11Page - Intersil Corporation ISL4489E_06 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6074.3
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
518
PROCESS:
Si Gate BiCMOS
FIGURE 16. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL4491E)
FIGURE 17. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL4491E)
Typical Performance Curves VCC = 5V, TA = 25°C; Unless Otherwise Specified (Continued)
TIME (20ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
Y
Z
TIME (20ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
Y
Z
ISL4489E, ISL4491E


Similar Part No. - ISL4489E_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4489EIB INTERSIL-ISL4489EIB Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIB RENESAS-ISL4489EIB Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4489EIB-T INTERSIL-ISL4489EIB-T Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL4489EIBZ INTERSIL-ISL4489EIBZ Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIBZ RENESAS-ISL4489EIBZ Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results

Similar Description - ISL4489E_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4489E RENESAS-ISL4489E Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com