Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1020-QE-EV1 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XP1020-QE-EV1
Description  11.0-19.0 GHz GaAs MMIC Power Amplifier, QFN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1020-QE-EV1 Datasheet(HTML) 5 Page - Mimix Broadband

  XP1020-QE-EV1 Datasheet HTML 1Page - Mimix Broadband XP1020-QE-EV1 Datasheet HTML 2Page - Mimix Broadband XP1020-QE-EV1 Datasheet HTML 3Page - Mimix Broadband XP1020-QE-EV1 Datasheet HTML 4Page - Mimix Broadband XP1020-QE-EV1 Datasheet HTML 5Page - Mimix Broadband XP1020-QE-EV1 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
11.0-19.0 GHz GaAs MMIC
Power Amplifier, QFN
Page 5 of 6
Typical Application
Mimix Broadband MMIC-based 11.0-18.0 GHz Transmitter Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 18.0 GHz)
IF IN
2.0 GHz
CMM1118-QT
XP1020-QE
XU1005-QD
Sideband
Reject
RF Out
14.2-15.35 GHz
LO(+6.0dBm)
12.2-13.35 GHz (USB Operation)
16.2-17.35 GHz (LSB Operation)
Mimix Broadband's 11.0-18.0 GHz XU1005-QD GaAs MMIC Transmitter can be used in saturated radio applications and linear modulation
schemes up to 16 QAM. The transmitter can be used in upper and lower sideband applications from 11.0-18.0 GHz.
P1020-QE
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2007 - Rev 26-Jan-07


Similar Part No. - XP1020-QE-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD-000V MIMIX-XP1020-BD-000V Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD-EV1 MIMIX-XP1020-BD-EV1 Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1020-QE-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
15MPA0566 MIMIX-15MPA0566 Datasheet
149Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XB1007-QT MIMIX-XB1007-QT Datasheet
972Kb / 6P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Mimix Broadband
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-BD MIMIX-XP1006-BD Datasheet
225Kb / 8P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XB1007-BD MIMIX-XB1007-BD Datasheet
224Kb / 9P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com