Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1024-BD-EV1 Datasheet(PDF) 7 Page - Mimix Broadband

Part # XP1024-BD-EV1
Description  26.0-31.0 GHz GaAs MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1024-BD-EV1 Datasheet(HTML) 7 Page - Mimix Broadband

  XP1024-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XP1024-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XP1024-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XP1024-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1024-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XP1024-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XP1024-BD-EV1 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the
human body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
26.0-31.0 GHz GaAs MMIC
Power Amplifier
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix
Broadband. As used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in a
significant injury to the user. (2) A critical component is any component of a life support device or system whose
failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied
in antistatic containers, which should be opened in cleanroom conditions at an appropriately grounded anti-
static workstation. Devices need careful handling using correctly designed collets, vacuum pickups or, with care,
sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick and have vias through to the
backside to enable grounding to the circuit. Microstrip substrates should be brought as close to the die as
possible. The mounting surface should be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka
TS3332LD, Die Mat DM6030HK or DM6030HK-Pt cured in a nitrogen atmosphere per manufacturer's cure schedule.
Apply epoxy sparingly to avoid getting any on to the top surface of the die. An epoxy fillet should be visible around the
total die periphery. For additional information please see the Mimix "Epoxy Specifications for Bare Die" application note.
If eutectic mounting is preferred, then a fluxless gold-tin (AuSn) preform, approximately 0.0012 thick, placed between
the die and the attachment surface should be used. A die bonder that utilizes a heated collet and provides scrubbing
action to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. The gold-tin
eutectic (80% Au 20% Sn) has a melting point of approximately 280 ºC (Note: Gold Germanium should be avoided). The
work station temperature should be 310 ºC +/- 10 ºC. Exposure to these extreme temperatures should be kept to
minimum. The collet should be heated, and the die pre-heated to avoid excessive thermal shock. Avoidance of air
bridges and force impact are critical during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to
the die's gold bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x
0.0005") 99.99% pure gold ribbon with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm
(0.001") diameter wedge or ball bonds are acceptable for DC Bias connections. Aluminum wire should be
avoided. Thermo-compression bonding is recommended though thermosonic bonding may be used providing
the ultrasonic content of the bond is minimized. Bond force, time and ultrasonics are all critical parameters.
Bonds should be made from the bond pads on the die to the package or substrate. All bonds should be as short
as possible.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
P1024-BD
Part Number for Ordering
Description
XP1024-BD-000V
Where “V” is RoHS compliant die packed in vacuum release gel paks
XP1024-BD-EV1
XP1024 die evaluation module


Similar Part No. - XP1024-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD-000V MIMIX-XP1020-BD-000V Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD-EV1 MIMIX-XP1020-BD-EV1 Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-QE MIMIX-XP1020-QE Datasheet
182Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier, QFN
XP1020-QE-0N00 MIMIX-XP1020-QE-0N00 Datasheet
182Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier, QFN
More results

Similar Description - XP1024-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
29MPA0373 MIMIX-29MPA0373 Datasheet
250Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
XP1013 MIMIX-XP1013 Datasheet
1Mb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1013-BD MIMIX-XP1013-BD Datasheet
466Kb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
XP1025-BD MIMIX-XP1025-BD Datasheet
270Kb / 5P
   28.0-31.0 GHz GaAs MMIC Power Amplifier
30MPA0562 MIMIX-30MPA0562 Datasheet
259Kb / 5P
   28.0-31.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
XU1003-BD MIMIX-XU1003-BD Datasheet
220Kb / 7P
   19.0-26.0 GHz GaAs MMIC Transmitter
XR1005 MIMIX-XR1005 Datasheet
346Kb / 9P
   19.0-26.0 GHz GaAs MMIC Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com