Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8499IRTZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8499IRTZ
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8499IRTZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8499IRTZ Datasheet HTML 1Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 2Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 3Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 4Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 5Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 6Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 7Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 8Page - Intersil Corporation ISL8499IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6111.2
November 3, 2006
Pinouts (Note 1)
ISL8499
(16 LD QFN TSSOP)
TOP VIEW
ISL8499
(16 LD 3X3 TQFN, 3X3 QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
Truth Table
LOGIC
NC SW
NO SW
0ON
OFF
1OFF
ON
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +4.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NO1
COM1
NC1
IN1-2
NO2
COM2
GND
NC2
V+
COM4
NO4
IN3-4
NC3
COM3
NO3
NC4
NC1
IN1-2
NO2
COM2
COM4
NO4
IN3-4
NC3
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL8499IR
499I
-40 to +85 16 Ld 3x3 QFN
L16.3x3
ISL8499IR-T
499I
-40 to +85 16 Ld 3x3 QFN
Tape and Reel
L16.3x3
ISL8499IV
8499IV
-40 to+85 16 Ld TSSOP
M16.173
ISL8499IV-T
8499IV
-40 to +85 16 Ld TSSOP
Tape and Reel
M16.173
ISL8499IRZ
(Note)
99TZ
-40 to +85 16 Ld 3x3 QFN
(Pb-free)
L16.3x3
ISL8499IRZ-T
(Note)
99TZ
-40 to +85 16 Ld 3x3 QFN
Tape and Reel
(Pb-free)
L16.3x3
ISL8499IVZ
(Note)
8499IVZ
-40 to +85 16 Ld TSSOP
(Pb-free)
M16.173
ISL8499IVZ-T
(Note)
8499IVZ
-40 to +85 16 Ld TSSOP
Tape and Reel
(Pb-free)
M16.173
ISL8499IRTZ
(Note)
99TZ
-40 to +85 16 Ld 3x3 TQFN
(Pb-free)
L16.3x3A
ISL8499IRTZ-T
(Note)
99TZ
-40 to +85 16 Ld 3x3 TQFN
Tape and Reel
(Pb-free)
L16.3x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL8499


Similar Part No. - ISL8499IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IRTZ INTERSIL-ISL8499IRTZ Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IRTZ INTERSIL-ISL8499IRTZ Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
logo
Renesas Technology Corp
ISL8499IRTZ RENESAS-ISL8499IRTZ Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL8499IRTZ-T INTERSIL-ISL8499IRTZ-T Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IRTZ-T INTERSIL-ISL8499IRTZ-T Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
More results

Similar Description - ISL8499IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com