Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS82C55A Datasheet(PDF) 1 Page - Intersil Corporation

Part # MS82C55A
Description  CMOS Programmable Peripheral Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MS82C55A Datasheet(HTML) 1 Page - Intersil Corporation

  MS82C55A_06 Datasheet HTML 1Page - Intersil Corporation MS82C55A_06 Datasheet HTML 2Page - Intersil Corporation MS82C55A_06 Datasheet HTML 3Page - Intersil Corporation MS82C55A_06 Datasheet HTML 4Page - Intersil Corporation MS82C55A_06 Datasheet HTML 5Page - Intersil Corporation MS82C55A_06 Datasheet HTML 6Page - Intersil Corporation MS82C55A_06 Datasheet HTML 7Page - Intersil Corporation MS82C55A_06 Datasheet HTML 8Page - Intersil Corporation MS82C55A_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
®
FN6140.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
MS82C55A, MQ82C55A, MP82C55A
CMOS Programmable Peripheral Interface
The Intersil 82C55A is a high performance CMOS version of
the industry standard 8255A and is manufactured using a
self-aligned silicon gate CMOS process (Scaled SAJI IV).
The MX82C55A has identical features as the X82C55 with
the exception of no bus hold devices on the port pins. It is a
general purpose programmable I/O device which may be
used with many different microprocessors. There are 24 I/O
pins which may be individually programmed in two groups of
12 and used in three major modes of operation. The high
performance and industry standard configuration of the
82C55A make it compatible with the 80C86, 80C88 and
other microprocessors.
Static CMOS circuit design insures low operating power. The
Intersil advanced SAJI process results in performance equal
to or greater than existing functionally equivalent products at
a fraction of the power.
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
(See Ordering Info)
• Pin Compatible with OKI MSM82C55A
- No Bus Hold Devices on any Port Pins
• 24 Programmable I/O Pins
• Fully TTL Compatible
• High Speed, No “Wait State” Operation with 8MHz 80C86
and 80C88
• Direct Bit Set/Reset Capability
• Enhanced Control Word Read Capability
• L7 Process
• 2.5mA Drive Capability on All I/O Ports
• Low Standby Power (ICCSB) . . . . . . . . . . . . . . . . . . .10
µA
Ordering Information
PART
NUMBERS*
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
CMP82C55AZ CMP82C55AZ
0 to 70
40 Ld PDIP** E40.6
CMS82C55AZ CMS82C55AZ
0 to 70
44 Ld PLCC
N44.65
IMS82C55AZ
IMS82C55AZ
-40 to 85
CMQ82C55AZ CMQ82C55AZ
0 to 70
44 Ld MQFP Q44.10x10
IMQ82C55AZ
IMQ82C55AZ
-40 to 85
*Add “96” suffix to part number for tape and reel packaging.
**Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
June 15, 2006


Similar Part No. - MS82C55A_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
More results

Similar Description - MS82C55A_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com