Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1026-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part # XP1026-BD
Description  27.0-32.0 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1026-BD Datasheet(HTML) 4 Page - Mimix Broadband

  XP1026-BD Datasheet HTML 1Page - Mimix Broadband XP1026-BD Datasheet HTML 2Page - Mimix Broadband XP1026-BD Datasheet HTML 3Page - Mimix Broadband XP1026-BD Datasheet HTML 4Page - Mimix Broadband XP1026-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
App Note [1] Biasing
- It is recommended to separately bias each amplifier stage Vd1 through Vd3 at Vd(1,2,3)=5.0V with Id1=100mA, Id2=250mA,
and Id3=550mA. Separate biasing is recommended if the amplifier is to be used at high levels of saturation, where gate rectification will alter the
effective gate control voltage. For non-critical applications it is possible to parallel all stages and adjust the common gate voltage for a total drain
current Id(total)=1040 mA. It is also recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this
gives the most reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a
single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of
the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed to do this is -0.7V. Typically the
gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is
available before applying the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or gate pad DC bypass
capacitors ( 100-200 pF) can be combined. Additional DC bypass capacitance ( 0.01 uF) is also recommended to all DC or combination (if gate or
drains are tied together) of DC bias pads. All DC pads have been tied together on chip and can be biased from either side.
For Individual Stage Bias (Recommended for saturated applications) -- Each DC pad (Vd1,2,3 and Vg1,2,3) needs to have DC bypass capacitance
( 100-200 pF) as close to the device as possible. Additional DC bypass capacitance ( 0.01 uF) is also recommended. All DC pads have been tied
together on chip and can be biased from either side.
Page 4 of 5
MTTFTable (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1=Vd2=Vd3=5.0V, Id1=100mA, Id2=250mA, Id3=550mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
27.0-32.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2006 - Rev 23-Feb-07
P1026-BD


Similar Part No. - XP1026-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1026-BD MIMIX-XP1026-BD Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
1Mb / 10P
   27.0-32.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1026-BD MA-COM-XP1026-BD Datasheet
1Mb / 12P
   Power Amplifier
logo
Mimix Broadband
XP1026-BD-000V MIMIX-XP1026-BD-000V Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1026-BD-000V MA-COM-XP1026-BD-000V Datasheet
1Mb / 13P
   Power Amplifier
More results

Similar Description - XP1026-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
   27.0-32.0 GHz GaAs MMIC
30SPA0536 MIMIX-30SPA0536 Datasheet
295Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
   27.0-35.0 GHz GaAs MMIC Power Amplifier
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com