Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83075EIUZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL83075EIUZA
Description  짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83075EIUZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL83075EIUZA Datasheet HTML 1Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 2Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 3Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 4Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 5Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 6Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 7Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 8Page - Intersil Corporation ISL83075EIUZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN6115.3
ISL83070E, ISL83071E, ISL83072E, ISL83073E,
ISL83075E, ISL83076E, ISL83077E, ISL83078E
±15kV ESD Protected, 3.3V, Full Fail-safe,
Low Power, High Speed or Slew Rate
Limited, RS-485/RS-422 Transceivers
The Intersil ISL8307XE are BiCMOS 3.3V powered, single
transceivers that meet both the RS-485 and RS-422
standards for balanced communication.
These devices have
very low bus currents (+125
µA/-100µA), so they present a
true “1/8 unit load” to the RS-485 bus. This allows up to 256
transceivers on the network without violating the RS-485
specification’s 32 unit load maximum, and without using
repeaters. For example, in a remote utility meter reading
system, individual meter readings are routed to a concentrator
via an RS-485 network, so the high allowed node count
minimizes the number of repeaters required.
Receiver (Rx) inputs feature a “Full Fail-Safe” design, which
ensures a logic high Rx output if Rx inputs are floating,
shorted, or terminated but undriven.
Hot Plug circuitry ensures that the Tx and Rx outputs remain
in a high impedance state while the power supply stabilizes.
The ISL83070E through ISL83075E utilize slew rate limited
drivers which reduce EMI, and minimize reflections from
improperly terminated transmission lines, or unterminated
stubs in multidrop and multipoint applications. Slew rate limited
versions also include receiver input filtering to enhance noise
immunity in the presence of slow input signals.
The ISL83070E, ISL83071E, ISL83073E, ISL83076E,
ISL83077E
are configured for full duplex (separate Rx input
and Tx output pins) applications. The half duplex versions
multiplex the Rx inputs and Tx outputs to allow transceivers
with output disable functions in 8 lead packages.
Features
• Pb-Free Plus Anneal (RoHS Compliant)
• RS-485 I/O Pin ESD Protection . . . . . . . . . . . . . ±15kV HBM
- Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• Full Fail-safe (Open, Short, Terminated/Floating)
Receivers
• Hot Plug - Tx and Rx Outputs Remain Three-state During
Power-up
• True 1/8 Unit Load Allows up to 256 Devices on the Bus
• Single 3.3V Supply
• High Data Rates. . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low Quiescent Supply Current . . . . . . . . . . .800µA (Max)
- Ultra Low Shutdown Supply Current . . . . . . . . . . .10nA
• -7V to +12V Common Mode Input/Output Voltage Range
• Half and Full Duplex Pinouts
• Three State Rx and Tx Outputs Available
• Current Limiting and Thermal Shutdown for driver
Overload Protection
• Tiny MSOP package offering saves 50% board space
Applications
• Automated Utility Meter Reading Systems
• High Node Count Systems
• Field Bus Networks
• Security Camera Networks
• Building Environmental Control/ Lighting Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
HOT
PLUG?
# DEVICES
ON BUS
RX/TX
ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL83070E
FULL
0.25
YES
YES
256
YES
510
YES
14
ISL83071E
FULL
0.25
YES
YES
256
NO
510
NO
8
ISL83072E
HALF
0.25
YES
YES
256
YES
510
YES
8
ISL83073E
FULL
0.5
YES
YES
256
YES
510
YES
14
ISL83075E
HALF
0.5
YES
YES
256
YES
510
YES
8
ISL83076E
FULL
20
NO
YES
256
YES
510
YES
14
ISL83077E
FULL
20
NO
YES
256
NO
510
NO
8
ISL83078E
HALF
20
NO
YES
256
YES
510
YES
8
Data Sheet
March 21, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL83075EIUZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83075EIUZA INTERSIL-ISL83075EIUZA Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83075EIUZA INTERSIL-ISL83075EIUZA Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83075EIUZA RENESAS-ISL83075EIUZA Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83075EIUZA-T INTERSIL-ISL83075EIUZA-T Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83075EIUZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83080EIUZ-T INTERSIL-ISL83080EIUZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com