Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XQ1002-BD-EV1 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XQ1002-BD-EV1
Description  6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XQ1002-BD-EV1 Datasheet(HTML) 3 Page - Mimix Broadband

  XQ1002-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XQ1002-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XQ1002-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XQ1002-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XQ1002-BD-EV1 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
3
2
4
5
6
Vee2
Vee3
RF Out
Vee1
Vtune
(Maximum 100pF)
1
3
1.800
(0.071)
1.105
(0.044)
2
1.504
(0.060)
0.0
0.0
1.504
(0.060)
4
1.105
(0.044)
5
0.566
(0.022)
0.673
(0.027)
1.350
(0.053)
6
Page 3 of 5
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 7OSC0462)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.507 mg.
Bond Pad #1 (Vtune)
Bond Pad #2 (Vee1)
Bond Pad #3 (RF Out)
Bond Pad #4 (Vee2)
Bond Pad #5 (Vee3)
Bond Pad #6 (Vee3)
6.4-7.4 GHz GaAs MMIC
Voltage Controlled Oscillator
XQ1002-BD
Vee1
Vtune
RF Out
Vee2
Vee3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
Q1002-BD
XQ1002-BD
XQ1002-BD


Similar Part No. - XQ1002-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-000V MIMIX-XQ1000-BD-000V Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-EV1 MIMIX-XQ1000-BD-EV1 Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD-000V MIMIX-XQ1001-BD-000V Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
More results

Similar Description - XQ1002-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
7OSC0462 MIMIX-7OSC0462 Datasheet
278Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
8OSC0464 MIMIX-8OSC0464 Datasheet
276Kb / 5P
   7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1004-BD MIMIX-XQ1004-BD Datasheet
195Kb / 5P
   7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
logo
M/A-COM Technology Solu...
MAOC-009262-PKG003 MA-COM-MAOC-009262-PKG003 Datasheet
135Kb / 5P
   Voltage Controlled Oscillator 7.4 - 8.2 GHz
MAOC-009259-PKG003 MA-COM-MAOC-009259-PKG003 Datasheet
139Kb / 5P
   Voltage Controlled Oscillator 5.7 - 6.4 GHz
logo
Mimix Broadband
6OSC0461 MIMIX-6OSC0461 Datasheet
279Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
15OSC0502 MIMIX-15OSC0502 Datasheet
924Kb / 5P
   14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
6OSC0460 MIMIX-6OSC0460 Datasheet
277Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com