Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28256 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28256
Description  39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28256 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28256 Datasheet HTML 6Page - Intersil Corporation ISL28256 Datasheet HTML 7Page - Intersil Corporation ISL28256 Datasheet HTML 8Page - Intersil Corporation ISL28256 Datasheet HTML 9Page - Intersil Corporation ISL28256 Datasheet HTML 10Page - Intersil Corporation ISL28256 Datasheet HTML 11Page - Intersil Corporation ISL28256 Datasheet HTML 12Page - Intersil Corporation ISL28256 Datasheet HTML 13Page - Intersil Corporation ISL28256 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6154.2
February 27, 2007
Applications Information
Introduction
The ISL28156 is a single BiMOS rail-to-rail input, output
(RRIO) operational amplifier with an enable feature. The
ISL28256 is a dual version without the enable feature. Both
devices are designed to operate from single supply (2.4V to
5.0V) or dual supplies (±1.2V to ±2.5V) while drawing only
39
μA of supply current per amplifier. This combination of low
power and precision performance makes this device suitable
for a variety of low power applications including battery
powered systems.
Rail-to-Rail Input/Output
These devices feature bipolar inputs which have an input
common mode range that extends up to 0.5V beyond the v+
rail, and to within 10mV of the V- rail. The CMOS outputs
typically swing to within about 4mV of the supply rails with a
100k
Ω load. The NMOS sinks current to swing the output in
the negative direction. The PMOS sources current to swing the
output in the positive direction.
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. They also contain
back-to-back diodes across the input terminals. For
applications where the input differential voltage is expected to
exceed 0.5V, external series resistors must be used to ensure
the input currents never exceed 5mA (Figure 35).
Enable/Disable Feature
The ISL28156 offers an EN pin that disables the device
when pulled up to at least 2.0V. In the disabled state (output
in a high impedance state), the part consumes typically
10µA. By disabling the part, multiple ISL28156 parts can be
connected together as a MUX. In this configuration, the
outputs are tied together in parallel and a channel can be
selected by the EN pin. The EN pin also has an internal pull
down. If left open, the EN pin will pull to the negative rail and
the device will be enabled by default.
Pin Descriptions
ISL28156
(6 Ld SOT-23)
ISL28156
(8 Ld SO)
ISL28256
(8 Ld MSOP)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
42
2 (A)
6 (B)
IN-
Inverting input
Circuit 1
33
3 (A)
5 (B)
IN+
Non-inverting
input
(See circuit 1)
2
4
4
V-
Negative supply
16
1 (A)
7 (B)
OUT
Output
Circuit 2
6
7
8
V+
Positive supply
5
8
ENABLE
Chip enable
Circuit 3
IN-
V+
V-
IN+
V+
V-
OUT
V+
V-
CE
FIGURE 35. INPUT CURRENT LIMITING
-
+
RIN
RL
VIN
VOUT
ISL28156, ISL28256


Similar Part No. - ISL28256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28256 INTERSIL-ISL28256 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28256 INTERSIL-ISL28256 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28256FBZ INTERSIL-ISL28256FBZ Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28256FBZ INTERSIL-ISL28256FBZ Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28256FBZ-T7 INTERSIL-ISL28256FBZ-T7 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

Similar Description - ISL28256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com