Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59448 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL59448
Description  500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59448 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59448 Datasheet HTML 1Page - Intersil Corporation ISL59448 Datasheet HTML 2Page - Intersil Corporation ISL59448 Datasheet HTML 3Page - Intersil Corporation ISL59448 Datasheet HTML 4Page - Intersil Corporation ISL59448 Datasheet HTML 5Page - Intersil Corporation ISL59448 Datasheet HTML 6Page - Intersil Corporation ISL59448 Datasheet HTML 7Page - Intersil Corporation ISL59448 Datasheet HTML 8Page - Intersil Corporation ISL59448 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6160.2
March 29, 2006
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, Vout = ±2VP-P & RL = 500Ω to GND, CL = 0pF, unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
+IS Enabled
Enabled Supply Current
No load, VIN = 0V, Enable Low
27
31
35
mA
-IS Enabled
Enabled Supply Current
No load, VIN = 0V, Enable Low
-32
-29
-25
mA
+IS Disabled
Disabled Supply Current
No load, VIN = 0V, Enable High
2.3
2.7
3.3
mA
-IS Disabled
Disabled Supply Current
No load, VIN = 0V, Enable High
-0.1
0.1
mA
VOUT
Positive and Negative Output Swing
VIN = ±2.5V; RL = 500Ω
±3.1
±3.9
V
IOUT
Output Current
VIN = 0.825V RL = 10Ω
±80
±180
mA
VOS
Output Offset Voltage
-40
-25
-10
mV
Ib
Input Bias Current
VIN = 0V
-3
-2
-1
µA
ROUT
HIZ Output Resistance
HIZ = Logic High
700
900
1150
ROUT
Enabled Output Resistance
HIZ = Logic Low
0.2
RIN
Input Resistance
VIN = ±1.75V
10
M
ACL or AV
Voltage Gain
RL = 500Ω
1.94
1.98
2.035
V/V
LOGIC
VIH
Input High Voltage (Logic Inputs)
2
V
VIL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
VH = 5V
200
258
319
µA
IIL
Input Low Current (Logic Inputs)
VL = 0V
-3
3
µA
AC GENERAL
PSRR
Power Supply Rejection Ratio
DC, PSRR V+ & V- combined
VOUT = 0dBm
52
72
dB
Xtalk
Channel to Channel Crosstalk
f = 10MHz, ChX-Ch Y-Talk
VIN = 1Vp-p; CL = 1.1pF
88
dB
Off - ISO
Off-state Isolation
f = 10MHz, Ch-Ch Off Isolation
VIN = 1Vp-p; CL = 1.1pF
72
dB
dG
Differential Gain Error
NTC-7, RL = 150, CL = 1.1pF
0.015
%
dP
Differential Phase Error
NTC-7, RL = 150, CL = 1.1pF
0.015
°
ISL59448


Similar Part No. - ISL59448

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59448IAZ RENESAS-ISL59448IAZ Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59448IAZ-T7 RENESAS-ISL59448IAZ-T7 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
More results

Similar Description - ISL59448

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com