Part Name
         Description
ISL59448

 500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier ( 14 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
FN6160.2
March 29, 2006
FIGURE 7. ZIN vs FREQUENCY
FIGURE 8. CROSSTALK AND OFF-ISOLATION
FIGURE 9. PSRR
FIGURE 10. INPUT NOISE vs FREQUENCY
FIGURE 11. SMALL SIGNAL TRANSIENT RESPONSE; RL=500Ω
FIGURE 12. SMALL SIGNAL TRANSIENT RESPONSE;
RL=150Ω
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
VSOURCE = 2Vp-p
1M
100k
10k
1k
100
10
1
FREQUENCY (MHz)
0.3
1
10
100
1k
VSOURCE=2Vp-p
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1k
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
OFF ISOLATION
INPUT X TO OUTPUT X
0
-20
-40
-60
-80
-100
VIN=1Vp-p
FREQUENCY (MHz)
0.3
1
10
100
1k
-10
-30
-50
-70
0
-20
-40
-60
PSRR (V+)
PSRR (V-)
VSOURCE=1Vp-p
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
0.1
0
0.2
TIME (5ns/DIV)
CL=1.1pF
VOUT=0.2Vp-p
RL=500Ω
0.1
0
0.2
TIME (5ns/DIV)
CL=1.1pF
VOUT=0.2Vp-p
RL=150Ω
ISL59448
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA5013_04Triple 125MHz Video Amplifier 1 2 3 4 5 MoreIntersil Corporation
SY10E457_06TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER 1 2 3 4 Micrel Semiconductor
MC10E457_065V ECL Triple Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
LMH6733Single Supply 1.0 GHz Triple Operational Amplifier Coming SoonNational Semiconductor
SY89827L3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT 1 2 3 4 5 MoreMicrel Semiconductor
SL3522500MHz 75dB Logarithmic/Limiting Amplifier 1 2 3 4 5 MoreZarlink Semiconductor Inc
AD8188350 MHz Single-Supply 5 V Triple 2:1 Multiplexers 1 2 3 4 5 MoreAnalog Devices
MC100EL59_065V ECL Triple 2:1 Multiplexer 1 2 3 4 5 ON Semiconductor
OPA3691Triple Wideband Current-Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown Corporation
OPA3684Low-Power Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl