Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59448 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59448
Description  500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59448 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59448 Datasheet HTML 1Page - Intersil Corporation ISL59448 Datasheet HTML 2Page - Intersil Corporation ISL59448 Datasheet HTML 3Page - Intersil Corporation ISL59448 Datasheet HTML 4Page - Intersil Corporation ISL59448 Datasheet HTML 5Page - Intersil Corporation ISL59448 Datasheet HTML 6Page - Intersil Corporation ISL59448 Datasheet HTML 7Page - Intersil Corporation ISL59448 Datasheet HTML 8Page - Intersil Corporation ISL59448 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6160.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59448
500MHz Triple 2:1 Gain-of-2, Multiplexing
Amplifier
The ISL59448 is a triple channel 2:1 multiplexer featuring
integrated buffers with a fixed gain of 2, high slew-rate and
excellent bandwidth for video switching. The device features
a three-state output (HIZ), which allows the outputs of
multiple devices to be tied together. A power-down mode
(ENABLE) is included to turn off un-needed circuitry in power
sensitive applications. When the ENABLE pin is pulled high,
the part enters a power-down mode and consumes just
14mW. An additional feature is a latch enable function (LE)
that allows independent logic control using a common logic
bus.
Features
• 500MHz bandwidth
• ±1600 V/µs slew rate
• High impedance buffered inputs
• Internally set gain-of-2
• High speed three-state outputs (HIZ)
• Power-down mode (ENABLE)
• Latch enable
• ±5V operation
• Supply current 11mA/ch
• Pb-free plus anneal available (RoHS compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
ISL59448IAZ
(See Note)
24 Ld QSOP (Pb-free)
-
MDP0040
ISL59448IAZ-T7
(See Note)
24 Ld QSOP (Pb-free)
7”
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
TABLE 1. CHANNEL SELECT LOGIC TABLE ISL59448
S0
ENABLE
HIZ
LE
OUTPUT
0
000
INO (A, B, C)
1
0
0
0
IN1 (A, B, C)
X
1
X
X
Power-down
X0
1
X
High Z
X
0
0
1
Last S0 State
Preserved
Data Sheet
March 29, 2006


Similar Part No. - ISL59448

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59448IAZ RENESAS-ISL59448IAZ Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59448IAZ-T7 RENESAS-ISL59448IAZ-T7 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
More results

Similar Description - ISL59448

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com