Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1539MPX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN1539MPX
Description  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1539MPX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1539MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Typical Performance Characteristics—FAN1539MPX, FAN1540MPX,
FAN1540MMPX, FAN1540DX
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
050
100
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
200
400
600
800
1000
1200
1400
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
-50
0
50
100
150
4
-50
0
50
100
56
7
8
9
10
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
V
IN = 5V
I
OUT = 5m A
Typical 3.3V Device
I OUT = 10mA
Typical 3.3V Device
VIN = 5V
V IN = 5V
IOUT = 10mA
I OUT = 10 mA
VIN = 5V
Ground Pin Current vs. Temperature
Output Voltage vs. Temperature
Ground Pin Current vs. Input Voltage
Ground Pin Current vs. Output Current
0. 0
0.5
1. 0
1. 5
2. 0
2.5
3. 0
3. 5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage vs. Output Current
Dropout Voltage vs. Temperature
VIN = 5V
T j = 25°C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I OUT = 1.3 A
I
O U T = 0 .5
A
IO U
T = 1A
Ambient Temperature (
°C)
Ambient Temperature (
°C)
Input Voltage (V)
Output Current (mA)
Output Current (A)
Ambient Temperature (
°C)


Similar Part No. - FAN1539MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

Similar Description - FAN1539MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com