Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8010IUZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8010IUZ-T13
Description  Monolithic 600mA Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8010IUZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8010IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6191.4
July 12, 2006
FIGURE 7. PWM MODE LOAD/LINE REGULATIONS vs
JUNCTION TEMPERATURE
FIGURE 8. NO LOAD QUIESCENT CURRENT (PWM MODE)
FIGURE 9. NO LOAD QUIESCENT CURRENT (PFM MODE)
FIGURE 10. START-UP AT IO = 600mA
FIGURE 11. ENABLE AND SHUTDOWN
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
-50
0
50
100
150
TJ (°C)
VIN=5V IO=600mA
VIN=3.3V IO=600mA
VIN=3.3V IO=0A
VIN=5V IO=0A
0
2
4
6
8
10
12
2.5
3
3.5
44.5
5
VS (V)
140
130
120
100
90
80
70
60
50
2.0
2.5
3.5
4.5
5.0
6.0
VS (V)
VO=3.3V
VO=1.8V
VO=1.5V
VO=1.2V VO=1.0V
VO=0.8V
110
3.0
4.0
5.5
VIN
(2V/DIV)
IIN
(0.25A/DIV)
VO
(2V/DIV)
200µs/DIV
PG
1
EN
VO
(2V/DIV)
IIN
(0.25A/DIV)
500µs/DIV
PG
2
ISL8010


Similar Part No. - ISL8010IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8010IUZ-T13 INTERSIL-ISL8010IUZ-T13 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010IUZ-T13 RENESAS-ISL8010IUZ-T13 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results

Similar Description - ISL8010IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com