Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1582M25X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN1582M25X
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582M25X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN1582M25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 9Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 10Page - Fairchild Semiconductor FAN1582M25X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FAN1582
PRODUCT SPECIFICATION
10
REV. 1.1.3 11/9/03
Mechanical Dimensions (continued)
5-Lead TO-252 Package
(2.90)
10
°
0
°
1.78
1.40
GAGE PLANE
0.60
0.40
3
SEATING PLANE
0.13 MAX
(1.54)
1
2
0.51
(5.09)
(4.05)
SEE
DETAIL A
0.25 M
C
1
MC
A
1.27
0.50
1.02
0.60
4
2
5.64
5.04
1
6.25
A
2.40
2.18
B
0.10
10.42
9.20
0.60
0.40
3.00 MIN
B
6.56 MIN
6.00 MIN
3
5
0.57
±0.07
0.69
±0.15
1.27
5.08
5
4
6.80
6.35
6.30
5.90
3.81
1.00
(0.44)
1.27
1.27
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) ALL DIMENSIONS ARE IN MILLIMETERS.
B) THIS PACKAGE CONFORMS TO JEDEC, TO-252,
ISSUE C, VARIATION AA, DATED NOV. 1999.
(ROTATED 90
°)
SCALE: 2X
DETAIL A


Similar Part No. - FAN1582M25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582M25X FAIRCHILD-FAN1582M25X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1582M25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com