Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24011 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL24011
Description  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24011 Datasheet(HTML) 7 Page - Intersil Corporation

  ISL24011 Datasheet HTML 1Page - Intersil Corporation ISL24011 Datasheet HTML 2Page - Intersil Corporation ISL24011 Datasheet HTML 3Page - Intersil Corporation ISL24011 Datasheet HTML 4Page - Intersil Corporation ISL24011 Datasheet HTML 5Page - Intersil Corporation ISL24011 Datasheet HTML 6Page - Intersil Corporation ISL24011 Datasheet HTML 7Page - Intersil Corporation ISL24011 Datasheet HTML 8Page - Intersil Corporation ISL24011 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN6196.2
March 28, 2006
Application Information
General
The ISL24011 is an octal voltage level shifter. The part was
designed to level shift a digital input signal to +22V and -5V
for TFT-LCD displays and is capable of level shifting input
logic signals (0V to 5.5V) to outputs as large as +40V and
-20V.
Power Supply Decoupling
The ISL24011 requires a 1.0µF decoupling capacitor as
close to the VON1, VON2 and VOFF power supply pins, as
possible, for a large load equal to 5k
Ω in parallel with
4700pF (Figure 16). This will reduce any dv/dt between the
different supplies and prevent the internal ESD clamp from
turning on and damaging the part.
For lighter loads such as a series 200
Ω resistor and a
3300pF capacitance, the decoupling capacitors can be
reduced to 0.47µF.
Power Supply Sequence
The ISL24011 requires that VON2 be greater than or equal to
VON1 at all times. Therefore, if VON1 and VON2 are different
supplies, then VON2 needs to be turned on before VON1.
The reason for this requirement is shown in Circuit 4 in the
Pin Description Table. The ESD protection diode between
VON2 and VON1 will forward bias if VON1 becomes a diode
drop greater than VON2. Recommended power supply
sequence: VON2, VON1, VOFF, then input logic signals.
The ESD protection scheme is based on diodes from the
pins to the VON2 supply and a dv/dt-triggered clamp. This
dv/dt-triggered clamp imposes a maximum supply turn-on
slew rate of 10V/µs. This clamp will trigger if the supply
powers up too fast, causing amps of current to flow. Ground
and VON1 are treated as I/O pins with this protection
scheme. In applications where the dv/dt supply ramp could
exceed 10V/µs, such as hot plugging, additional methods
should be employed to ensure the rate of rise is not
exceeded.
Latch-up Proof
The ISL24011 is manufactured in a high voltage DI process
that isolates every transistor in its own tub making the part
latch-up proof.
Input Pin Connections
Unused inputs must be tied to ground. Failure to tie unused
input pins to ground will result in rail to rail oscillations on the
respective output pins and higher unwanted power
dissipation in the part. Under these conditions, the
temperature of the part could get very hot.
Limiting the Output Current
No output short circuit current limit exists on this part. All
applications need to limit the output current to less than
80mA. Adequate thermal heat sinking of the parts is also
required.
Application Diagram (TV)
FIGURE 13. TRANSIENT RESPONSE vs LOAD CAPACITANCE
Typical Performance Curves TA = 25°C, Output load parallel RC (RL = 5kΩ, CL = 4700pF) unless otherwise specified. (Continued)
0
0
400ns/DIV
1800pF
4700pF
PULSE INPUT
50kHz 10% DUTY CYCLE
VON1 & VON2 = 22V
VOFF = -5V
ISL24011
FIGURE 14. TYPICAL TV APPLICATION CIRCUIT
1.0µF
1.0µF
DC/DC
CONVERTER
TIMING
CONTROLLER
LEVEL
LCD PANEL
1.0µF
VON1
VON2
VOFF
SHIFTER
ISL24011


Similar Part No. - ISL24011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
Intersil Corporation
ISL24011IVZ INTERSIL-ISL24011IVZ Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ RENESAS-ISL24011IVZ Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
Intersil Corporation
ISL24011IVZ-T INTERSIL-ISL24011IVZ-T Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
More results

Similar Description - ISL24011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com