Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1589 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN1589
Description  2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1589 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN1589 Datasheet HTML 4Page - Fairchild Semiconductor FAN1589 Datasheet HTML 5Page - Fairchild Semiconductor FAN1589 Datasheet HTML 6Page - Fairchild Semiconductor FAN1589 Datasheet HTML 7Page - Fairchild Semiconductor FAN1589 Datasheet HTML 8Page - Fairchild Semiconductor FAN1589 Datasheet HTML 9Page - Fairchild Semiconductor FAN1589 Datasheet HTML 10Page - Fairchild Semiconductor FAN1589 Datasheet HTML 11Page - Fairchild Semiconductor FAN1589 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FAN1589
PRODUCT SPECIFICATION
10
REV. 1.0.5 11/10/03
Mechanical Dimensions (continued)
3-Lead TO-220 Package
A
.140
.190
3.56
4.83
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.015
.040
.38
1.02
.070
1.78
b1
.045
1.14
c1
.014
.022
.36
.56
øP
.139
.161
3.53
4.09
D
.560
.650
14.22
16.51
.380
.420
9.65
10.67
.090
.110
2.29
2.79
E
e
e1
.190
.210
4.83
5.33
.045
1.14
.020
.055
.51
1.40
α
e3
F
H1
.230
.270
5.94
6.87
.080
.115
2.04
2.92
.500
.580
12.70
14.73
J1
L
6.35 BSC
.250 BSC
L1
.100
.135
2.54
3.43
3
°
7
°
3
°
7
°
Q
b1
b
e3
L1
L
H1
Q
E
e
e1
E-PIN
øP
c1
J1
D
F
A
(5X)
α
Notes:
1. Dimension c1 apply for lead finish.


Similar Part No. - FAN1589

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
More results

Similar Description - FAN1589

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com