Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1589DX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN1589DX
Description  2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1589DX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN1589DX Datasheet HTML 4Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 5Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 6Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 7Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 8Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 9Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 10Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 11Page - Fairchild Semiconductor FAN1589DX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
FAN1589
REV. 1.0.5 11/10/03
11
Mechanical Dimensions (continued)
3-Lead TO-252 Package
A
.086
.094
2.19
2.39
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.025
.035
0.64
0.89
.045
1.14
b2
.030
0.76
c
.018
.024
0.46
0.61
c2
.018
.023
0.46
0.58
D
.210
.245
5.33
6.22
1
4
1
4
3
E
.250
.265
6.35
6.73
.090 BSC
2.29 BSC
.108 REF
2.74 REF
.370
.410
9.40
10.41
e
H
L
.055
.070
1.40
1.78
L1
.035
.080
0.89
2.03
.025
.040
0.64
1.02
.215
5.46
b3
.205
5.21
L3
L4
E
b3
@PKG/
@HEATSINK
D
L3
A
-C-
H
c2
L
L1
-A-
α = 0° – 10°
-B-
E-PIN
b2
L4
b
e
Notes:
1.
2.
3.
4.
5.
6.
Dimensions are exclusive of mold flash, metal burrs or interlead
protrusion.
Stand off-height is measured from lead tip with ref. to Datum -B-.
Foot length is measured with ref. to Datum -A- with lead surface.
Thermal pad contour optional within dimension b3 and L3.
Formed leads to be planar with respect to one another at seating
place -C-.
Dimensions and tolerances per ASME Y14.5M-1994.


Similar Part No. - FAN1589DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
More results

Similar Description - FAN1589DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com