|
| ISL59481 |
|
||
|
INTERSIL |
|
6 page
6 FN6208.3 December 22, 2006 FIGURE 11. ENABLE TRANSIENT RESPONSE VIN = 1V FIGURE 12. HIZ SWITCHING GLITCH VIN = 0V FIGURE 13. HIZ TRANSIENT RESPONSE VIN = 1V FIGURE 14. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued) VIN = 1V 20ns/DIV 0 0 VOUT A, B, C ENABLE 50 Ω TERM. 10ns/DIV 0 0 VIN = 0V VOUT A, B, C HIZ 50 Ω TERM. VIN=1V 10ns/DIV 0 0 VOUT A, B, C 50 Ω TERM. HIZ JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD - QFN EXPOSED DIEPAD SOLDERED TO PCB PER JESD51-5 6 5 4 3 2 1 0 0 25 50 75 100 150 AMBIENT TEMPERATURE (°C) 4.34W θJA=23°C/W QFN48 125 85 ISL59481 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL59448 | 500MHz Triple 2:1 Gain-of-2 Multiplexing Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| LM358 | DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 | HTC Korea TAEJIN Technology Co. |
| FHP3132 | Single and Dual High-Speed Rail-to-Rail Amplifiers | 1 2 3 4 5 More | Fairchild Semiconductor |
| REC40-1205SRWB | 40 Watt 2” x 2” Single Dual & Triple Output | 1 2 | Recom International Power |
| RP20-123.3SE_06 | 20 Watt Single Dual & Triple Output | 1 2 3 4 | Recom International Power |
| LM4558 | DUAL OPERATIONAL AMPLIFIERS | 1 2 3 | HTC Korea TAEJIN Technology Co. |
| RAC15-05SA | 15 Watt Single Dual & Triple Output | 1 2 3 | Recom International Power |
| RAC15-3.3SB | 15 Watt Single Dual & Triple Output | 1 2 | Recom International Power |
| LM2904W | LOW POWER DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| T6817_05 | Dual Triple DMOS Output Driver with Serial Input Control | 1 2 3 4 5 More | ATMEL Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |