|
| ISL59482 |
|
||
|
INTERSIL |
|
6 page
6 FN6209.2 December 22, 2006 FIGURE 9. CROSSTALK AND OFF ISOLATION; FIGURE 10. INPUT NOISE vs FREQUENCY FIGURE 11. DIFFERENTIAL GAIN AND PHASE; VOUT=0.2Vp-p FO=3.58MHz; RL=500Ω FIGURE 12. DIFFERENTIAL GAIN AND PHASE: VOUT=0.2Vp-p FO=3.58MHz; RL=150Ω FIGURE 13. SMALL SIGNAL TRANSIENT RESPONSE; RL=500Ω FIGURE 14. SMALL SIGNAL TRANSIENT RESPONSE ; RL=150Ω Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued) FREQUENCY (Hz) -10 -30 -50 0.3M 1M 10M 100M 1G -70 -90 OFF ISOLATION INPUT X TO OUTPUT X 0 -20 -40 -60 -80 -100 VIN=1Vp-p CROSSTALK INPUT X TO OUTPUT Y RL = 500 RL = 150 -110 -120 RL = 150 RL = 500 60 50 40 30 20 10 0 100 1k 10k 100k FREQUENCY (Hz) 0.02 0 0 VOUT DC (Volts) 0 12 3 4 -4 -3 -2 -1 -0.002 0.002 -0.004 -0.006 -0.008 -0.01 -0.02 -0.04 -0.06 -0.08 -0.10 0 0.01 -0.004 0.04 Vout DC (Volts) 0.02 0 0 12 3 4 -4 -3 -2 -1 0.006 0.008 0.004 0.002 -0.02 -0.04 -0.06 -0.08 -0.10 -0.002 0.1 0 0.2 TIME (5ns/DIV) CL = 1.2pF VOUT = 0.2Vp-p RL = 500Ω 0.1 0 0.2 TIME (5ns/DIV) CL = 1.2pF VOUT = 0.2Vp-p RL = 150Ω ISL59482 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL59481 | Dual 500MHz Triple Multiplexing Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| ISL59448 | 500MHz Triple 2:1 Gain-of-2 Multiplexing Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| AZ4580 | DUAL LOW NOISE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM358 | DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 | HTC Korea TAEJIN Technology Co. |
| FHP3132 | Single and Dual High-Speed Rail-to-Rail Amplifiers | 1 2 3 4 5 More | Fairchild Semiconductor |
| REC40-1205SRWB | 40 Watt 2” x 2” Single Dual & Triple Output | 1 2 | Recom International Power |
| RP20-123.3SE_06 | 20 Watt Single Dual & Triple Output | 1 2 3 4 | Recom International Power |
| LM4558 | DUAL OPERATIONAL AMPLIFIERS | 1 2 3 | HTC Korea TAEJIN Technology Co. |
| RAC15-05SA | 15 Watt Single Dual & Triple Output | 1 2 3 | Recom International Power |
| RAC15-3.3SB | 15 Watt Single Dual & Triple Output | 1 2 | Recom International Power |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |