|
| ISL59482 |
|
||
|
INTERSIL |
|
2 page
2 FN6209.2 December 22, 2006 Pinout ISL59482 (48 LD QFN) TOP VIEW Functional Diagram ISL59482 36 35 34 33 32 31 30 1 2 3 4 5 6 7 OUTC1 OUTB1 V1- OUTA1 V1+ EN1 HIZ1 EN2 GND IN1C2 IN1B2 IN1A2 GND IN0A2 8 9 29 28 IN0B2 IN0C2 IN0C1 IN0B1 27 HIZ2 26 25 V2+ 10 IN0A1 11 12 GND IN1A1 IN2A2 +2 +2 +2 +2 +2 +2 0 0 0 0 0 0 THERMAL PAD PAD MUST BE TIED TO V- THERMAL PAD INTERNALLY CONNECTED TO V- DECODE1 IN0(A1, B1, C1) IN1(A1, B1, C1) IN2(A1, B1, C1) IN3(A1, B1, C1) S0-1 S1-1 EN0-1 EN3-1 EN2-1 HIZ1 EN1 AMPLIFIER1 BIAS EN1-1 DECODE2 IN0(A2, B2, C2) IN1(A2, B2, C2) IN2(A2, B2, C2) IN3(A2, B2, C2) S0-2 S1-2 EN0-2 EN3-2 EN2-2 HIZ2 EN2 AMPLIFIER2 BIAS EN1-2 OUT(A1, B1, C1) OUT(A2, B2, C2) + - + - ISL59482 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL59481 | Dual 500MHz Triple Multiplexing Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| ISL59448 | 500MHz Triple 2:1 Gain-of-2 Multiplexing Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| AZ4580 | DUAL LOW NOISE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM358 | DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 | HTC Korea TAEJIN Technology Co. |
| FHP3132 | Single and Dual High-Speed Rail-to-Rail Amplifiers | 1 2 3 4 5 More | Fairchild Semiconductor |
| REC40-1205SRWB | 40 Watt 2” x 2” Single Dual & Triple Output | 1 2 | Recom International Power |
| RP20-123.3SE_06 | 20 Watt Single Dual & Triple Output | 1 2 3 4 | Recom International Power |
| LM4558 | DUAL OPERATIONAL AMPLIFIERS | 1 2 3 | HTC Korea TAEJIN Technology Co. |
| RAC15-05SA | 15 Watt Single Dual & Triple Output | 1 2 3 | Recom International Power |
| RAC15-3.3SB | 15 Watt Single Dual & Triple Output | 1 2 | Recom International Power |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |