Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2011 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN2011
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2011 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2011 Datasheet HTML 2Page - Fairchild Semiconductor FAN2011 Datasheet HTML 3Page - Fairchild Semiconductor FAN2011 Datasheet HTML 4Page - Fairchild Semiconductor FAN2011 Datasheet HTML 5Page - Fairchild Semiconductor FAN2011 Datasheet HTML 6Page - Fairchild Semiconductor FAN2011 Datasheet HTML 7Page - Fairchild Semiconductor FAN2011 Datasheet HTML 8Page - Fairchild Semiconductor FAN2011 Datasheet HTML 9Page - Fairchild Semiconductor FAN2011 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Typical Performance Characteristics (Continued)
TA = 25°C, CIN = 10µF, COUT = 40µF, L = 3.3µH, VIN = 5V, unless otherwise noted.
Start-up Response
Time (50
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
Output
(500mV/div)
VOUT = 1.2V
IOUT = 100mA
Voltage
Voltage
Current
Input
(5V/div)
Voltage
100mA
Start-up Response
Time (100
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
VOUT = 3.3V
IOUT = 100mA
Voltage
Current
Input
(5V/div)
Voltage
Start-up Response
Time (100
µs/div)
Inductor
(500mA/div)
SW Node
(5V/div)
Output
(500mV/div)
VOUT = 1.2V
IOUT = 1500mA
Voltage
Voltage
Current
Input
(5V/div)
Voltage
Start-up Response
Time (100
µs/div)
Inductor
(500mA/div)
SW Node
(5V/div)
VOUT = 3.3V
IOUT = 1500mA
Voltage
Current
Input
(5V/div)
Voltage
Output
(1V/div)
Voltage
Transient Response
Time (5
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
Voltage
Current
Load
Current
Output
(20mV/div)
Voltage
VOUT = 1.2V
Transient Response
Time (5
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
Voltage
Current
Load
Current
Output
(20mV/div)
Voltage
Output
(1V/div)
Voltage
700mA
700mA
100mA
VOUT = 1.2V


Similar Part No. - FAN2011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
149Kb / 3P
   PCB Grounding System and High Performance DC-DC Converters
FAN2011 FAIRCHILD-FAN2011 Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Similar Description - FAN2011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com