Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2011I Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN2011I
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2011I Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2011I Datasheet HTML 1Page - Fairchild Semiconductor FAN2011I Datasheet HTML 2Page - Fairchild Semiconductor FAN2011I Datasheet HTML 3Page - Fairchild Semiconductor FAN2011I Datasheet HTML 4Page - Fairchild Semiconductor FAN2011I Datasheet HTML 5Page - Fairchild Semiconductor FAN2011I Datasheet HTML 6Page - Fairchild Semiconductor FAN2011I Datasheet HTML 7Page - Fairchild Semiconductor FAN2011I Datasheet HTML 8Page - Fairchild Semiconductor FAN2011I Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FAN2011/FAN2012 Rev. 1.0.4
1
www.fairchildsemi.com
April 2006
©2006 Fairchild Semiconductor Corporation
FAN2011/FAN2012
1.5A Low Voltage Current Mode Synchronous PWM Buck
Regulator
Features
95% Efficiency, Synchronous Operation
Adjustable Output Voltage from 0.8V to VIN
4.5V to 5.5V Input Voltage Range
Up to 1.5A Output Current
Fixed Frequency 1.3 MHz PWM Operation
100% Duty Cycle Low Dropout Operation (LDO)
Soft Start
Excellent Load Transient Response
3x3mm 6-lead MLP Package
Applications
Hard Disk Drive
Set Top Box
Point of Load Power
Notebook Computers
Communications Equipment
Description
The FAN2011/FAN2012 is a high-efficiency, low-noise
synchronous Pulse Width Modulated (PWM) current
mode DC-DC converter, designed for low voltage appli-
cations. It provides up to 1.5A continuous load current
from the 4.5V to 5.5V input. The output voltage is adjust-
able over a wide range of 0.8V to VIN by means of an
external voltage divider.
The FAN2011 is always on, while the FAN2012 has an
“Enable Input,” and the device can be put in the shut-
down mode, in which the ground current falls below 1µA.
A current mode control loop with a fast transient
response ensures excellent line and load regulation. The
fixed 1.3MHz switching frequency enables the user to
choose a small, inexpensive external inductor and
capacitor. Filtering is also easily accomplished with very
small components.
Protection features include input under-voltage lockout,
short circuit protection and thermal shutdown. Soft-start
limits in-rush current during start-up conditions.
The device is available in a 3x3mm 6-lead MLP package,
making it possible to build a 1.5A complete DC-DC con-
verter in a tiny space on the PCB.
Ordering Information
Product Number
Output Voltage
Package Type
Ambient Operating
Temperature
Order Code
FAN2011
Adjustable
3x3mm 6-Lead MLP
0°C to 85°C
FAN2011MPX
FAN2012
Adjustable
3x3mm 6-Lead MLP
0°C to 85°C
FAN2012MPX
FAN2011I
Adjustable
3x3mm 6-Lead MLP
-40°C to 85°C
FAN2011EMPX
FAN2012I
Adjustable
3x3mm 6-Lead MLP
-40°C to 85°C
FAN2012EMPX


Similar Part No. - FAN2011I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011I FAIRCHILD-FAN2011I Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011IMPX FAIRCHILD-FAN2011IMPX Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Similar Description - FAN2011I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com