Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55004 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL55004
Description  High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55004 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55004 Datasheet HTML 1Page - Intersil Corporation ISL55004 Datasheet HTML 2Page - Intersil Corporation ISL55004 Datasheet HTML 3Page - Intersil Corporation ISL55004 Datasheet HTML 4Page - Intersil Corporation ISL55004 Datasheet HTML 5Page - Intersil Corporation ISL55004 Datasheet HTML 6Page - Intersil Corporation ISL55004 Datasheet HTML 7Page - Intersil Corporation ISL55004 Datasheet HTML 8Page - Intersil Corporation ISL55004 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6219.2
July 27, 2006
FIGURE 5. PHASE vs FREQUENCY FOR VARIOUS NON-
INVERTING GAIN SETTINGS
FIGURE 6. PHASE vs FREQUENCY FOR VARIOUS
INVERTING GAIN SETTINGS
FIGURE 7. GAIN BANDWIDTH PRODUCT vs SUPPLY
FIGURE 8. SLEW RATE vs SUPPLY
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +1)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +2)
Typical Performance Curves (Continued)
100
80
60
40
20
0
06
9
12
15
3
SUPPLY VOLTAGES (±V)
RL=500Ω
350
300
250
200
150
100
06
9
12
15
3
SUPPLY VOLTAGES (±V)
AV=+2
RF=500Ω
RL=500Ω
CL=5pF
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
FREQUENCY (Hz)
-1
-2
-3
-4
-5
-6
4
3
2
1
0
100k
1M
10M
100M
1G
VS = ±15V
RF = 0Ω
CL = 5pF
AV = +1
RL = 500Ω
RL = 1kΩ
RL = 150Ω
RL = 50Ω
FREQUENCY (Hz)
-1
-2
-3
-4
-5
-6
4
3
2
1
0
100k
1M
10M
100M
1G
VS = ±15V
RF = 500Ω
CL = 5pF
AV = +2
RL = 500Ω
RL = 1kΩ
RL = 150Ω
RL = 50Ω
ISL55004


Similar Part No. - ISL55004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004 INTERSIL-ISL55004 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55004 INTERSIL-ISL55004 Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004IB INTERSIL-ISL55004IB Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
More results

Similar Description - ISL55004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com