Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29004IROZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL29004IROZ
Description  Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29004IROZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL29004IROZ Datasheet HTML 6Page - Intersil Corporation ISL29004IROZ Datasheet HTML 7Page - Intersil Corporation ISL29004IROZ Datasheet HTML 8Page - Intersil Corporation ISL29004IROZ Datasheet HTML 9Page - Intersil Corporation ISL29004IROZ Datasheet HTML 10Page - Intersil Corporation ISL29004IROZ Datasheet HTML 11Page - Intersil Corporation ISL29004IROZ Datasheet HTML 12Page - Intersil Corporation ISL29004IROZ Datasheet HTML 13Page - Intersil Corporation ISL29004IROZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN6221.0
December 21, 2006
Since fosc is dual speed depending on the Gain/Range bit,
Tint is dual time. The integration time as a function of REXT
and n is:
Tint1 is the integration time when the the device is
configured for Internal Timing Mode and Gain/Range is set
to Range1 or Range2.
Tint2 is the integration time when the the device is
configured for Internal Timing Mode and Gain/Range is set
to Range3 or Range4.
INTEGRATION TIME IN EXTERNAL TIMING MODE
This timing mode is programmed in the command register
00(hex) bit 5. External Timing Mode is recommended when
integration time can be synchronized to an external signal
such as a PWM to eliminate noise.
For Mode0 or Mode1 operation, the integration starts when
the sync_iic command is sent over the I2C lines. The device
needs two sync_iic commands to complete a photodiode
conversion. The integration then stops when another
sync_iic command is received. Writing a logic 1 to the
sync_iic bit ends the current adc integration and starts
another one.
For Mode3, the operation is a sequential Mode0 and Mode1.
The device needs three sync_iic commands to complete two
photodiode measurments. The 1st sync_iic command starts
the conversion of the diode1. The 2nd sync_iic completes the
conversion of diode1 and starts the conversion of diode2. The
3rd sync_iic pules ends the conversion of diode2 and starts
over again to commence conversion of diode1.
The integration time, Tint, is determined by the following
equation:
iI2C is the number of I
2C clock cycles to obtain the T
int.
fI2C is the I
2C operating frequency
The internal oscillator, fOSC, operates identically in both the
internal and external timing modes, with the same
dependence on REXT. However, in External Timing Mode,
the number of clock cycles per integration is no longer fixed
at 2n. The number of clock cycles varies with the chosen
integration time, and is limited to 216 = 65,536. In order to
avoid erroneous Lux readings the integration time must be
short enough not to allow an overflow in the counter register.
fosc = 327kHz*100kΩ/REXT. When Range/Gain is set to
Range1 or Range2.
fosc = 655kHz*100kΩ/REXT. When Range/Gain is set to
Range3 or Range4.
Noise Rejection
In general, integrating type ADC’s have an excellent noise-
rejection characteristics for periodic noise sources whose
frequency is an integer multiple of the integration time. For
instance, a 60Hz AC unwanted signal’s sum from 0ms to
k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the device’s
integration time to be an integer multiple of the periodic
noise signal, greatly improves the light sensor output signal
in the presence of noise.
Design Example 1
The ISl29004 will be designed in a portable system. The
ambient light conditions that the device will be exposed to is
at most 500Lux which is a good office lighting. The light
source has a 50/60Hz power line noise which is not visible
by the human eye. The I2C clock is 10kHz.
Solution 1 - Using Internal Timing Mode
In order to achieve both 60Hz and 50Hz AC noise rejection,
the integration time needs to be adjusted to coincide with an
integer multiple of the AC noise cycle times.
Tint = i(1/60Hz) = j(1/50Hz).
The first instance of integer values at which Tint rejects both
60Hz and 50Hz is when i = 6, and j= 5.
Tint = 6(1/60Hz) = 5(1/50Hz)
Tint = 100ms
Next, the Gain/Range needs to be determined. Based on the
application condition given, Lux(max) = 500Lux, a range of
1000Lux is desirable. This corresponds to a Gain/Range
Range1 mode. Also impose a resolution of n = 16-bit. Hence
we choose equation 10 to determine REXT.
TABLE 13. INTEGRATION TIMES FOR TYPICAL
REXT VALUES
REXT
(k
Ω)
RANGE1
RANGE2
RANGE3
RANGE4
n = 16-BIT
n = 12-BIT
n = 12-BIT
n = 4
50
100
6.4
13
0.013
100**
200
13
26
0.025
200
400
26
52
0.050
500
1000
64
128
0.125
*Integration time in milliseconds
**Recommended
REXT resistor value
T
int 12
n
R
EXT
327kHz
100k
Ω
×
----------------------------------------------
×
=
(EQ. 10)
T
int 22
n
R
EXT
655kHz
100k
Ω
×
----------------------------------------------
×
=
(EQ. 11)
T
int
i
I2C
f
I2C
----------
=
(EQ. 12)
T
int
65,535
f
OSC
------------------
<
(EQ. 13)
R
EXT
T
int
327kHz
100
×
×
k
Ω
2
n
-----------------------------------------------------------------
=
R
EXT
50k
Ω
=
for Internal Timing Mode and Gain/Range is set to Range3 or Range
(EQ. 14)
ISL29004


Similar Part No. - ISL29004IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29004IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com