Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55004IBZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL55004IBZ-T7
Description  High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55004IBZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL55004IBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL55004IBZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6219.2
July 27, 2006
Product Description
The ISL55004 is a wide bandwidth, low power, and low offset
voltage feedback operational amplifier. This device is
internally compensated for closed loop gain of +1 or greater.
Connected in voltage follower mode and driving a 500
load, the -3dB bandwidth is around a 200MHz. Driving a
150
Ω load and a gain of 2, the bandwidth is about 90MHz
while maintaining a 300V/µs slew rate.
The ISL55004 is designed to operate with supply voltage
from +15V to -15V. That means for single supply application,
the supply voltage is from 0V to 30V. For split supplies
application, the supply voltage is from ±15V. The amplifier
has an input common-mode voltage range from 1.5V above
the negative supply (VS- pin) to 1.5V below the positive
supply (VS+ pin). If the input signal is outside the above
specified range, it will cause the output signal to be distorted.
The outputs of the ISL55004 can swing from -12.75V to
+13.4V for VS = ±15V. As the load resistance becomes
lower, the output swing is lower.
Choice of Feedback Resistor and Gain Bandwidth
Product
For applications that require a gain of +1, no feedback
resistor is required. Just short the output pin to the inverting
input pin. For gains greater than +1, the feedback resistor
forms a pole with the parasitic capacitance at the inverting
input. As this pole becomes smaller, the amplifier's phase
margin is reduced. This causes ringing in the time domain
and peaking in the frequency domain. Therefore, RF can't be
very big for optimum performance. If a large value of RF
must be used, a small capacitor in the few Pico Farad range
in parallel with RF can help to reduce the ringing and
peaking at the expense of reducing the bandwidth. For gain
of +1, RF = 0 is optimum. For the gains other than +1,
optimum response is obtained with RF with proper selection
of RF and RG (see Figures15 and 16 for selection).
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. The dG and dP of this device is about 0.01% and
0.05°, while driving 150
Ω at a gain of 2. Driving high
impedance loads would give a similar or better dG and dP
performance.
Driving Capacitive Loads and Cables
The ISL55004 can drive 47pF loads in parallel with 500
with less than 3dB of peaking at gain of +1 and as much as
100pF at a gain of +2 with under 3db of peaking. If less
peaking is desired in applications, a small series resistor
(usually between 5
Ω to 50Ω) can be placed in series with the
output to eliminate most peaking. However, this will reduce
the gain slightly. If the gain setting is greater than 1, the gain
resistor RG can then be chosen to make up for any gain loss
which may be created by the additional series resistor at the
output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier's output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Output Drive Capability
The ISL55004 does not have internal short circuit protection
circuitry. It has a typical short circuit current of 140mA. If the
output is shorted indefinitely, the power dissipation could
easily overheat the die or the current could eventually
compromise metal integrity. Maximum reliability is
maintained if the output current never exceeds ±60mA. This
limit is set by the design of the internal metal interconnect.
Note that in transient applications, the part is robust.
Short circuit protection can be provided externally with a
back match resistor in series with the output placed close as
possible to the output pin. In video applications this would be
a 75
Ω resistor and will provide adequate short circuit
protection to the device. Care should still be taken not to
stress the device with a short at the output.
Power Dissipation
With the high output drive capability of the ISL55004, it is
possible to exceed the 150°C absolute maximum junction
temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for an application to determine if load conditions
or package types need to be modified to assure operation of
the amplifier in a safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
PD
MAX
T
JMAX
T
AMAX
Θ
JA
---------------------------------------------
=
ISL55004


Similar Part No. - ISL55004IBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IBZ-T7 INTERSIL-ISL55004IBZ-T7 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
ISL55004IBZ-T7 INTERSIL-ISL55004IBZ-T7 Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55004IBZ-T7 RENESAS-ISL55004IBZ-T7 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - ISL55004IBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com