Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28290FUZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28290FUZ
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290FUZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28290FUZ Datasheet HTML 1Page - Intersil Corporation ISL28290FUZ Datasheet HTML 2Page - Intersil Corporation ISL28290FUZ Datasheet HTML 3Page - Intersil Corporation ISL28290FUZ Datasheet HTML 4Page - Intersil Corporation ISL28290FUZ Datasheet HTML 5Page - Intersil Corporation ISL28290FUZ Datasheet HTML 6Page - Intersil Corporation ISL28290FUZ Datasheet HTML 7Page - Intersil Corporation ISL28290FUZ Datasheet HTML 8Page - Intersil Corporation ISL28290FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6247.3
April 13, 2007
FIGURE 5. DISABLED OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 6. ENABLED OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 7. CMRR vs FREQUENCY
FIGURE 8. PSRR vs FREQUENCY
FIGURE 9. OFF ISOLATION vs FREQUENCY
FIGURE 10. CHANNEL TO CHANNEL CROSSTALK vs
FREQUENCY
Typical Performance Curves (Continued)
10
100
1k
10k
1M
100k
1M
10M
100M
1G
100k
FREQUENCY (Hz)
V+ = 5V, 3V
VSOURCE = 1VP-P
0.01
0.1
1
10
100
100k
1M
10M
100M
1G
FREQUENCY (Hz)
V+ = 5V, 3V
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VOUT = 100mVP-P
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
100M
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VOUT = 100mVP-P
FREQUENCY (Hz)
PSRR-
PSRR+
-80
-70
-60
-50
-40
-30
-20
-10
10k
100k
1M
10M
100M
1G
VP-P = 1V
VP-P = 100mV
VP-P = 10mV
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10k
100k
1M
10M
100M
1G
VP-P = 1V
FREQUENCY (Hz)
ISL28190, ISL28290


Similar Part No. - ISL28290FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28290FUZ INTERSIL-ISL28290FUZ Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FUZ INTERSIL-ISL28290FUZ Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290FUZ RENESAS-ISL28290FUZ Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FUZ RENESAS-ISL28290FUZ Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28290FUZ-T7 INTERSIL-ISL28290FUZ-T7 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
More results

Similar Description - ISL28290FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com